Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALH25 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALH25
Description  100W Output loadsharing
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALH25 Datasheet(HTML) 2 Page - Astec America, Inc

  ALH25 Datasheet HTML 1Page - Astec America, Inc ALH25 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output 1
Output 2
Model Number
Voltage
Voltage
Voltage
36 - 75VDC
5.0V @ 20A
3.3V @ 25A
ALH25AF48
Note:
Enable Function
"N" = negative logic enable (without "N" = positive enable)
1. Maximum output power not to exceed 100W total for 5/3.3V version 20/25A).
2. Any output loading ratio within the maximum specified limits is possible.
Dual Output
1. -Vin
2. Case
3. Control (on/off)
4. Vin+
5. V2
6. Rtn (V2)
7. Trim (V2)
8. V1
9. Rtn (V1)
10. Trim (V1)
Notes:
1. 20MHz bandwidth. An external 2.2mf ceramic capacitor is
recommended to be placed from +V out to -V out.
2. Recommended External components below:
C1 = 100uF/100V, C2=C4= metallic film .47uF/50V
C3= C5 = Electrolytic 1000uF/10V, C6 = .01uF/1500V
3. All specifications are typical at nominal line, full load, and 25°C
unless otherwise noted.
4. All specifications subject to change without notice. Mechanical
drawings are for reference only.
5. Please refer to the Technical Reference Notes for more
information.
6. Warranty: 1 yr
Pin Assignments
43
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:38 PM
Page 43


Similar Part No. - ALH25

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ALH25AF48N ASTEC-ALH25AF48N Datasheet
503Kb / 2P
   100Watts, Ultra High Efficiency
More results

Similar Description - ALH25

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA60A ASTEC-AA60A Datasheet
908Kb / 2P
   Output loadsharing
logo
Emerson Network Power
AA60A-048L-033D025 EMERSON-NETWORKPOWER-AA60A-048L-033D025_02 Datasheet
908Kb / 2P
   75 Watts Output loadsharing
logo
MicroPower Direct, LLC
LDC-100 MPD-LDC-100 Datasheet
1Mb / 4P
   100W Output Power
LBC-100 MPD-LBC-100 Datasheet
1Mb / 4P
   100W Output Power
logo
DENSEI-LAMBDA
SWT30 LAMBDA-SWT30 Datasheet
150Kb / 2P
   Triple output 30W ~ 100W
JWT75 LAMBDA-JWT75 Datasheet
425Kb / 3P
   Triple output 75 ~ 100W
logo
TDK Electronics
JWT75-522 TDK-JWT75-522 Datasheet
1Mb / 10P
   Triple Output 75W, 100W
logo
FSP TECHNOLOGY INC.
FSP100-1Y20 FSP-FSP100-1Y20 Datasheet
144Kb / 1P
   100W output with convection cooling
logo
Mean Well Enterprises C...
MSP-100 MEANWELL-MSP-100 Datasheet
126Kb / 2P
   100W Single Output Medical Type
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com