Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEW Datasheet(PDF) 2 Page - Astec America, Inc

Part # AEW
Description  Two wide input voltage range
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AEW Datasheet(HTML) 2 Page - Astec America, Inc

  AEW Datasheet HTML 1Page - Astec America, Inc AEW Datasheet HTML 2Page - Astec America, Inc AEW Datasheet HTML 3Page - Astec America, Inc AEW Datasheet HTML 4Page - Astec America, Inc AEW Datasheet HTML 5Page - Astec America, Inc AEW Datasheet HTML 6Page - Astec America, Inc AEW Datasheet HTML 7Page - Astec America, Inc AEW Datasheet HTML 8Page - Astec America, Inc AEW Datasheet HTML 9Page - Astec America, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
USA
Europe
Asia
TEL:
1-760-930-4600
44-(0)1384-842-211
852-2437-9662
FAX:
1-760-930-0698
44-(0)1384-843-355
852-2402-4426
2
List 1
AEW dual output products list
Model
Input voltage
(V)
Output voltage
(V)
Output current
(A)
Product code
AEW03AA24
18-36
±5
±3.0
02280360
AEW01BB24
18-36
±12
±1.25
02280358
AEW01CC24
18-36
±15
±1.0
02280362
AEW03AA48
36-72
±5
±3.0
02280359
AEW01BB48
36-72
±12
±1.25
02280264
AEW01CC48
36-72
±15
±1.0
02280361
Absolute maximum value:
The following list is the maximum stress that the module can endure. If the module works under
the condition for a long time, it may short the lifetime and have bad effect on its reliability. If the
environmental stress exceeds the absolute maximum value listed below, the module may be
damaged forever.
List 2
Extreme limit parameters
Parameters
Model
Minimum
Maximum
Unit
Note
Rated 24V
42
50
Vdc
Vdc
Continuously
Instant < 100ms
Input voltage
(+Vin~-Vin)
Rated 48V
82
100
Vdc
Vdc
Continuously
Instant < 100ms
CNT voltage
CNT~-Vin
Rated 24V
Rated 48V
42
82
Vdc
Vdc
Continuously
Continuously
Isolated voltage
Input-output
All
2000
Vdc
Operating ambient
temperature
All
-25
+70
°C
Storage temperature
All
-40
+105
°C
Pin soldering
temperature
All
260
°C
Wave solder < 12S


Similar Part No. - AEW

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEW15-3889-A ALLIED-AEW15-3889-A Datasheet
2Mb / 3P
   EW15 Transformer, Meet UL Class B 130C UL File number E349541
More results

Similar Description - AEW

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LI120-10B12 MORNSUN-LI120-10B12 Datasheet
1Mb / 4P
   Wide input voltage range
logo
Linear Technology
LT3759 LINER-LT3759 Datasheet
514Kb / 32P
   Wide Input Voltage Range
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24 Datasheet
223Kb / 4P
   Wide input voltage range
URF1D12HB-150W MORNSUN-URF1D12HB-150W Datasheet
2Mb / 8P
   Wide input voltage range
logo
Analog Devices
ADP5051 AD-ADP5051 Datasheet
2Mb / 28P
   Wide input voltage range
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
   Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
   Ultra wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
   Ultra-wide input voltage range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com