Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX14DTG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74LCX14DTG
Description  Low Voltage CMOS Hex Schmitt Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX14DTG Datasheet(HTML) 5 Page - ON Semiconductor

  MC74LCX14DTG Datasheet HTML 1Page - ON Semiconductor MC74LCX14DTG Datasheet HTML 2Page - ON Semiconductor MC74LCX14DTG Datasheet HTML 3Page - ON Semiconductor MC74LCX14DTG Datasheet HTML 4Page - ON Semiconductor MC74LCX14DTG Datasheet HTML 5Page - ON Semiconductor MC74LCX14DTG Datasheet HTML 6Page - ON Semiconductor MC74LCX14DTG Datasheet HTML 7Page - ON Semiconductor MC74LCX14DTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74LCX14
http://onsemi.com
5
Figure 3. Switching Waveforms
VCC
GND
50%
50% VCC
A
Y
tPHL
tPLH
Figure 4. Test Circuit
VOL
VOH
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
CL =50 pF at VCC = 3.3 0.3 V or equivalent
(includes jig and probe capacitance)
RL = R1 = 500 W or equivalent
RT = ZOUT of pulse generator (typically 50 W)
Figure 5. Typical Input Threshold, VT+, VT− versus Power Supply Voltage
VHtyp
VCC, POWER SUPPLY VOLTAGE (VOLTS)
23
1
2
3
4
VHtyp = (VT+ typ) − (VT− typ)
(VT+)
(VT−)
2.5
3.5 3.6
VH
Vin
Vout
VCC
VT+
VT−
GND
VOH
VOL
VH
Vin
Vout
VCC
VT+
VT−
GND
VOH
VOL
(a) A Schmitt−Trigger Squares Up Inputs With Slow Rise and Fall Times
(b) A Schmitt−Trigger Offers Maximum Noise Immunity
Figure 6. Typical Schmitt−Trigger Applications


Similar Part No. - MC74LCX14DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX14DTG ONSEMI-MC74LCX14DTG Datasheet
90Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs
May, 2005 ??Rev. 5
More results

Similar Description - MC74LCX14DTG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LVQ14 STMICROELECTRONICS-74LVQ14_04 Datasheet
226Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER
74LVX14 STMICROELECTRONICS-74LVX14 Datasheet
160Kb / 11P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
74LCX14 STMICROELECTRONICS-74LCX14_06 Datasheet
243Kb / 15P
   Low voltage CMOS HEX SCHMITT inverter with 5V tolerant inputs
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
   HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
STMicroelectronics
74LCX14 STMICROELECTRONICS-74LCX14 Datasheet
113Kb / 8P
   LOW VOLTAGE CMOS HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
MC74LCX04DTR2G ONSEMI-MC74LCX04DTR2G Datasheet
138Kb / 7P
   Low-Voltage CMOS Hex Inverter
October, 2012 ??Rev. 8
logo
STMicroelectronics
74LVQ04 STMICROELECTRONICS-74LVQ04_04 Datasheet
221Kb / 11P
   LOW VOLTAGE CMOS HEX INVERTER
logo
ON Semiconductor
MC74LCX04 ONSEMI-MC74LCX04_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Hex Inverter
January, 2005 ??Rev. 4
MC74LCX04 ONSEMI-MC74LCX04_14 Datasheet
110Kb / 7P
   Low-Voltage CMOS Hex Inverter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC74LCX04 MOTOROLA-MC74LCX04 Datasheet
133Kb / 7P
   LOW-VOLTAGE CMOS HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com