Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LCX258DTR2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC74LCX258DTR2G
Description  Low-Voltage CMOS Quad 2-Input Multiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LCX258DTR2G Datasheet(HTML) 2 Page - ON Semiconductor

  MC74LCX258DTR2G Datasheet HTML 1Page - ON Semiconductor MC74LCX258DTR2G Datasheet HTML 2Page - ON Semiconductor MC74LCX258DTR2G Datasheet HTML 3Page - ON Semiconductor MC74LCX258DTR2G Datasheet HTML 4Page - ON Semiconductor MC74LCX258DTR2G Datasheet HTML 5Page - ON Semiconductor MC74LCX258DTR2G Datasheet HTML 6Page - ON Semiconductor MC74LCX258DTR2G Datasheet HTML 7Page - ON Semiconductor MC74LCX258DTR2G Datasheet HTML 8Page - ON Semiconductor MC74LCX258DTR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MC74LCX258
http://onsemi.com
2
Figure 1. Pinout: 16−Lead Plastic Package
(Top View)
15
16
14
13
12
11
10
2
1
3456
7
VCC
9
8
OE
A3
B3
Y3
A2
B2
Y2
S
A0
B0
Y0
A1
B1
Y1 GND
PIN NAMES
Pins
Function
An
Source 0 Data Inputs
Bn
Source B Data Inputs
OE
Enable Input
S
Select Input
Yn
Outputs
TRUTH TABLE
Inputs
Outputs
Output Enable
Select
Y0−Y3
H
X
Z
L
L
A0−A3
L
H
B0−B3
X = Don’t Care
A0−A3, B0−B3 = The levels of the respective Data−Word Inputs
PIN DESCRIPTIONS
INPUTS
A0−A3 (Pins 2, 5, 11, 14)
Nibble A inputs. The data present on these pins is
transferred to the outputs when the Select input is at a low
level and the Output Enable input is at a low level. The data
is presented to the outputs in inverted form for the LCX258.
B0−B3 (Pins 3, 6, 10, 13)
Nibble B inputs. The data present on these pins is
transferred to the outputs when the Select input is at a high
level and the Output Enable input is at a low level. The data
is presented to the outputs in inverted form for the LCX258.
OUTPUTS
Y0−Y3 (Pins 4, 7, 9, 12)
Data outputs. The selected input nibble is presented at
these outputs when the Output Enable input is at a low level.
The data present on these pins is in its inverted form for the
LCX258. For the Output Enable input at a high level, the
outputs are at a high level for the LCX258.
Select (Pin 1)
Nibble select. This input determines the data word to be
transferred to the outputs. A low level on this input selects
the A inputs and a high level selects the B inputs.
CONTROL INPUTS
Output Enable (Pin 15)
Output Enable input. A low level on this input allows the
selected data to be presented at the outputs. A high level on
this input sets all of the outputs to 3−state off.


Similar Part No. - MC74LCX258DTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LCX258DTR2 ONSEMI-MC74LCX258DTR2 Datasheet
90Kb / 10P
   Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
January, 2005 ??Rev. 4
More results

Similar Description - MC74LCX258DTR2G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
MC74LCX257 ONSEMI-MC74LCX257 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
logo
Motorola, Inc
MC74LCX257 MOTOROLA-MC74LCX257 Datasheet
155Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
MC74LCX258 MOTOROLA-MC74LCX258 Datasheet
116Kb / 4P
   Low-Voltage CMOS Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74LCX157 ONSEMI-MC74LCX157_12 Datasheet
159Kb / 7P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 6
MC74LCX257 ONSEMI-MC74LCX257_12 Datasheet
132Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com