Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL27WZ86 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NL27WZ86
Description  Dual 2-Input Exclusive-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ86 Datasheet(HTML) 1 Page - ON Semiconductor

  NL27WZ86 Datasheet HTML 1Page - ON Semiconductor NL27WZ86 Datasheet HTML 2Page - ON Semiconductor NL27WZ86 Datasheet HTML 3Page - ON Semiconductor NL27WZ86 Datasheet HTML 4Page - ON Semiconductor NL27WZ86 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2013
March, 2013 − Rev. 7
1
Publication Order Number:
NL27WZ86/D
NL27WZ86
Dual 2-Input Exclusive-OR
Gate
The NL27WZ86 is a high performance dual 2−input Exclusive−OR
Gate operating from a 1.65 V to 5.5 V supply.
Features
Extremely High Speed: tPD 2.4 ns (typical) at VCC = 5.0 V
Designed for 1.65 V to 5.5 V VCC Operation
Over Voltage Tolerant Inputs and Outputs
LVTTL Compatible − Interface Capability With 5.0 V TTL Logic
with VCC = 3.0 V
LVCMOS Compatible
24 mA Balanced Output Sink and Source Capability
Near Zero Static Supply Current Substantially Reduces System
Power Requirements
Replacement for NC7WZ86
These Devices are Pb−Free and are RoHS Compliant
A2
Y2
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
= 1
Y1
A1
B2
B1
VCC
A1
B1
GND
1
2
3
8
7
6
45
Y2
Y1
B2
A2
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAM
http://onsemi.com
US8
US SUFFIX
CASE 493
1
8
L8 M G
G
L8
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending upon
manufacturing location.
PIN ASSIGNMENT
Pin
1
2
3
4
5
6
7
8
Function
A1
B1
Y2
GND
A2
B2
Y1
VCC
Input
FUNCTION TABLE
B
L
H
L
H
Output
Y = A + B
Y
L
H
H
L
A
L
L
H
H


Similar Part No. - NL27WZ86

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86 Datasheet
56Kb / 6P
   Dual 2-Input Exclusive-OR Gate
March, 2004 ??Rev. 2
NL27WZ86 ONSEMI-NL27WZ86 Datasheet
131Kb / 6P
   Dual 2?묲nput Exclusive?뭀R Gate
September, 2005 ??Rev. 3
NL27WZ86 ONSEMI-NL27WZ86 Datasheet
188Kb / 11P
   Dual 2-Input Exclusive-OR Gate
January, 2019 ??Rev. 8
NL27WZ86 ONSEMI-NL27WZ86 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
NL27WZ86MQ1TCG ONSEMI-NL27WZ86MQ1TCG Datasheet
188Kb / 11P
   Dual 2-Input Exclusive-OR Gate
January, 2019 ??Rev. 8
More results

Similar Description - NL27WZ86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
ON Semiconductor
NLX2G86 ONSEMI-NLX2G86 Datasheet
133Kb / 5P
   Dual 2-Input Exclusive-OR Gate
April, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com