Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX4373DMR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLSX4373DMR2G
Description  2-Bit 20 Mb/s Dual-Supply Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4373DMR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NLSX4373DMR2G Datasheet HTML 1Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 2Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 3Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 4Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 5Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 6Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 7Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 8Page - ON Semiconductor NLSX4373DMR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NLSX4373
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Condition
Unit
VCC
High−side DC Supply Voltage
−0.3 to +7.0
V
VL
High−side DC Supply Voltage
−0.3 to +7.0
V
I/O VCC
VCC−Referenced DC Input/Output Voltage
−0.3 to (VCC + 0.3)
V
I/O VL
VL−Referenced DC Input/Output Voltage
−0.3 to (VL + 0.3)
V
VEN
Enable Control Pin DC Input Voltage
−0.3 to +7.0
V
II/O_SC
Short−Circuit Duration (I/O VL and I/O VCC to GND)
40
Continuous
mA
TSTG
Storage Temperature
−65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
High−side Positive DC Supply Voltage
1.5
5.5
V
VL
High−side Positive DC Supply Voltage
1.5
5.5
V
VEN
Enable Control Pin Voltage
GND
5.5
V
VIO
Enable Control Pin Voltage
GND
5.5
V
TA
Operating Temperature Range
−40
+85
°C
Figure 1. Block Diagram (1 I/O Line)
PU1
RPullup
10 kW
VL
I/O VL
I/O VCC
VCC
One−Shot
Block
One−Shot
Block
PU2
Gate
Bias
N
RPullup
10 kW
EN
EN


Similar Part No. - NLSX4373DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4373DMR2G ONSEMI-NLSX4373DMR2G Datasheet
170Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
December, 2009 ??Rev. 3
More results

Similar Description - NLSX4373DMR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3373 ONSEMI-NLSX3373 Datasheet
124Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2008 ??Rev. 5
NLSX4402 ONSEMI-NLSX4402 Datasheet
110Kb / 13P
   2-Bit 20 Mb/s Dual-Supply Level Translator
June, 2015 ??Rev. 1
NLSX0102 ONSEMI-NLSX0102_18 Datasheet
100Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2018 ??Rev. 2
NLSX4402 ONSEMI-NLSX4402_17 Datasheet
115Kb / 14P
   2-Bit 20 Mb/s Dual-Supply Level Translator
August, 2017 ??Rev. 3
NLSX0102 ONSEMI-NLSX0102 Datasheet
141Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
October, 2011 ??Rev. 1
NLSX4302E ONSEMI-NLSX4302E Datasheet
172Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2012 ??Rev. 0
NLSX4373 ONSEMI-NLSX4373 Datasheet
170Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX4401DFT2G ONSEMI-NLSX4401DFT2G Datasheet
110Kb / 13P
   1-Bit 20 Mb/s Dual-Supply Level Translator
September, 2018 ??Rev. 0
NLSX3378 ONSEMI-NLSX3378 Datasheet
121Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
October, 2008 ??Rev. 5
NLSX4401 ONSEMI-NLSX4401_18 Datasheet
109Kb / 13P
   1-Bit 20 Mb/s Dual-Supply Level Translator
May, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com