Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX3018DWR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLSX3018DWR2G
Description  8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX3018DWR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLSX3018DWR2G Datasheet HTML 2Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 3Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 4Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 5Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 6Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 7Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 8Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 9Page - ON Semiconductor NLSX3018DWR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NLSX3018
http://onsemi.com
6
TIMING CHARACTERISTICS
Symbol
Parameter
Test Conditions
(Note 8)
VCC (V)
(Note 9)
VL (V)
(Note 10)
−405C to +855C
Unit
Min
Typ
(Note 11)
Max
tR−VCC
I/O VCC Rise Time
(Output = I/O_VCC)
CIOVCC = 15 pF
1.3 to 4.5
0.9 to (VCC – 0.4)
0.7
2.4
ns
tF−VCC
I/O VCC Falltime
(Output = I/O_VCC)
CIOVCC = 15 pF
1.3 to 4.5
0.9 to (VCC – 0.4)
0.5
1.0
ns
tR−VL
I/O VL Risetime
(Output = I/O_VL)
CIOVL = 15 pF
1.3 to 4.5
0.9 to (VCC – 0.4)
1.0
3.8
ns
tF−VL
I/O VL Falltime
(Output = I/O_VL)
CIOVL = 15 pF
1.3 to 4.5
0.9 to (VCC – 0.4)
0.6
1.2
ns
ZO−VCC
I/O VCC One−Shot
Output Impedance
1.3 to 4.5
0.9 to (VCC – 0.4)
30
W
ZO−VL
I/O VL One−Shot
Output Impedance
1.3 to 4.5
0.9 to (VCC – 0.4)
30
W
tPD_VL−VCC Propagation Delay
(Output = I/O_VCC,
tPHL, tPLH)
CIOVCC = 15 pF
1.3 to 4.5
0.9 to (VCC – 0.4)
4.5
9.3
ns
tPD_VCC−VL Propagation Delay
(Output = I/O_VL,
tPHL, tPLH)
CIOVL = 15 pF
1.3 to 4.5
0.9 to (VCC – 0.4)
3.0
6.5
ns
tSK VL−VCC Channel−to−Channel
Skew (Output =
I/O_VCC)
CIOVCC = 15 pF
1.3 to 4.5
0.9 to (VCC – 0.4)
0.2
0.3
nS
tSK_VCC−VL Channel−to−Channel
Skew
(Output = I/O_VL)
CIOVCC = 15 pF
1.3 to 4.5
0.9 to (VCC – 0.4)
0.2
0.3
nS
MDR
Maximum Data Rate
(Output = I/O_VCC,
CIOVCC = 15 pF)
(Output = I/O_VL,
CIOVL = 15 pF)
1.3 to 4.5
0.9 to (VCC – 0.4)
110
Mb/s
> 2.2
> 1.8
140
8. Normal test conditions are VEN = 0 V, CIOVCC = 15 pF and CIOVL = 15 pF, unless otherwise specified.
9. VCC is the supply voltage associated with the high voltage port, and VCC ranges from +1.3 V to 4.5 V under normal operating conditions.
10.VL is the supply voltage associated with the low voltage port. VL must be less than or equal to (VCC – 0.4) V during normal operation. However,
during startup and shutdown conditions, VL can be greater than (VCC – 0.4) V.
11. Typical values are for VCC = +2.8 V, VL = +1.8 V and TA = +25°C. All units are production tested at TA = +25°C. Limits over the operating
temperature range are guaranteed by design.


Similar Part No. - NLSX3018DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3018DWR2G ONSEMI-NLSX3018DWR2G Datasheet
177Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
More results

Similar Description - NLSX3018DWR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3018 ONSEMI-NLSX3018 Datasheet
177Kb / 12P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2009 ??Rev. 0
NLSX3013 ONSEMI-NLSX3013_17 Datasheet
96Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2017 ??Rev. 4
NLSX3013 ONSEMI-NLSX3013_15 Datasheet
95Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
January, 2015 ??Rev. 3
NLSX3013 ONSEMI-NLSX3013 Datasheet
154Kb / 10P
   8-Bit 100 Mb/s Configurable Dual-Supply Level Translator
March, 2009 ??Rev. 2
NLSX5012 ONSEMI-NLSX5012 Datasheet
171Kb / 14P
   2-Bit 100 Mb/s Configurable Dual-Supply Level Translator
June, 2010 ??Rev. 1
NLSX4014 ONSEMI-NLSX4014 Datasheet
180Kb / 13P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX5011 ONSEMI-NLSX5011 Datasheet
161Kb / 13P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
July, 2010 ??Rev. 0
NLSX5011 ONSEMI-NLSX5011_15 Datasheet
116Kb / 14P
   1-Bit 100 Mb/s Configurable Dual-Supply Level Translator
November, 2015 ??Rev. 6
NLSX5014 ONSEMI-NLSX5014_18 Datasheet
172Kb / 14P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
April, 2018 ??Rev. 8
NLSX5004 ONSEMI-NLSX5004 Datasheet
236Kb / 16P
   4-Bit 100 Mb/s Configurable Dual-Supply Level Translator
February, 2021 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com