Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSV8T244 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NLSV8T244
Description  8-Bit Dual-Supply Non- Inverting Level Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSV8T244 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NLSV8T244 Datasheet HTML 2Page - ON Semiconductor NLSV8T244 Datasheet HTML 3Page - ON Semiconductor NLSV8T244 Datasheet HTML 4Page - ON Semiconductor NLSV8T244 Datasheet HTML 5Page - ON Semiconductor NLSV8T244 Datasheet HTML 6Page - ON Semiconductor NLSV8T244 Datasheet HTML 7Page - ON Semiconductor NLSV8T244 Datasheet HTML 8Page - ON Semiconductor NLSV8T244 Datasheet HTML 9Page - ON Semiconductor NLSV8T244 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
NLSV8T244
http://onsemi.com
8
PACKAGE DIMENSIONS
UDFN20 4x2, 0.4P
CASE 517AK
ISSUE O
DIM
MIN
MAX
MILLIMETERS
A
A1
0.00
0.05
A3
b
0.15
0.25
D
4.00 BSC
E
2.00 BSC
e
0.40 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSIONS b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 MM FROM TERMINAL TIP.
4. MOLD FLASH ALLOWED ON TERMINALS
ALONG EDGE OF PACKAGE. FLASH MAY
NOT EXCEED 0.03 ONTO BOTTOM
SURFACE OF TERMINALS.
5. DETAIL A SHOWS OPTIONAL
CONSTRUCTION FOR TERMINALS.
0.13 REF
b
L
PIN 1
1
11
10
D
E
B
A
C
0.15
C
0.15
2X
2X
20
e
19X
20X
NOTE 3
A
20X
C
A1
(A3)
SEATING
PLANE
C
0.08
C
0.10
0.45
0.55
L
0.50
0.60
REFERENCE
e/2
TOP VIEW
SIDE VIEW
BOTTOM VIEW
NOTE 5
L1
DETAIL A
0.22
0.88
19X
2.30
0.40 PITCH
0.78
DIMENSIONS: MILLIMETERS
MOUNTING FOOTPRINT
20X
1
SOLDERMASK DEFINED
DETAIL A
B
A
C
C
M
0.10
M
0.05
(L2)
L1
0.00
0.03
L2
0.60
0.70


Similar Part No. - NLSV8T244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV8T244DTR2G ONSEMI-NLSV8T244DTR2G Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV8T244DWR2G ONSEMI-NLSV8T244DWR2G Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV8T244MUTAG ONSEMI-NLSV8T244MUTAG Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
More results

Similar Description - NLSV8T244

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSV8T244 ONSEMI-NLSV8T244 Datasheet
171Kb / 10P
   8-Bit Dual-Supply Non- Inverting Level Translator
June, 2009 ??Rev. 1
NLSV8T240 ONSEMI-NLSV8T240_12 Datasheet
120Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV8T240 ONSEMI-NLSV8T240 Datasheet
118Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
July, 2008 ??Rev. 0
NLSV4T3144 ONSEMI-NLSV4T3144_15 Datasheet
83Kb / 7P
   4-Bit Dual-Supply Non-Inverting Level Translator
June, 2015 ??Rev. 1
NLSV1T244 ONSEMI-NLSV1T244 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2007 - Rev. 1
NLSV2T244 ONSEMI-NLSV2T244_12 Datasheet
144Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
February, 2012 ??Rev. 2
NLSV4T244 ONSEMI-NLSV4T244_15 Datasheet
107Kb / 9P
   4-Bit Dual-Supply Non-Inverting Level Translator
October, 2015 ??Rev. 6
NLSV1T34 ONSEMI-NLSV1T34_V01 Datasheet
203Kb / 10P
   1-Bit Dual-Supply Non-Inverting Level Translator
November, 2019 - Rev. 10
NLSV2T244 ONSEMI-NLSV2T244_16 Datasheet
100Kb / 9P
   2-Bit Dual-Supply Non-Inverting Level Translator
March, 2016 ??Rev. 4
NLSV1T34 ONSEMI-NLSV1T34_12 Datasheet
133Kb / 9P
   1-Bit Dual-Supply Non-Inverting Level Translator
January, 2012 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com