Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX4373 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLSX4373
Description  2-Bit 20 Mb/s Dual-Supply Level Translator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4373 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLSX4373 Datasheet HTML 3Page - ON Semiconductor NLSX4373 Datasheet HTML 4Page - ON Semiconductor NLSX4373 Datasheet HTML 5Page - ON Semiconductor NLSX4373 Datasheet HTML 6Page - ON Semiconductor NLSX4373 Datasheet HTML 7Page - ON Semiconductor NLSX4373 Datasheet HTML 8Page - ON Semiconductor NLSX4373 Datasheet HTML 9Page - ON Semiconductor NLSX4373 Datasheet HTML 10Page - ON Semiconductor NLSX4373 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
NLSX4373
http://onsemi.com
7
TEST SETUPS
NLSX4373
EN
I/O VL
VL
VCC
CLOAD
tRISE/FALL v
3 ns
I/O VL
I/O VCC
tPD_VL−VCC
90%
50%
10%
90%
50%
10%
tPD_VL−VCC
tF−VCC
tR−VCC
Figure 2. Rail−to−Rail Driving I/O VL
I/O VCC
NLSX4373
EN
I/O VL
VL
VCC
CLOAD
Source
tRISE/FALL v 3 ns
I/O VCC
I/O VL
tPD_VCC−VL
90%
50%
10%
90%
50%
10%
tPD_VCC−VL
tF−VL
tR−VL
I/O VCC
Source
Figure 3. Rail−to−Rail Driving I/O VCC
NLSX4373
EN
I/O VL
VL
VCC
Figure 4. Open−Drain Driving I/O VL
I/O VCC
NLSX4373
EN
VL
VCC
I/O VCC
Figure 5. Open−Drain Driving I/O VCC
Figure 6. Definition of Timing Specification Parameters
CLOAD
VCC
CLOAD
RLOAD
RLOAD
RLOAD
RLOAD


Similar Part No. - NLSX4373

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4373 ONSEMI-NLSX4373 Datasheet
170Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX4373DMR2G ONSEMI-NLSX4373DMR2G Datasheet
170Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX4373DR2G ONSEMI-NLSX4373DR2G Datasheet
170Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX4373MUTAG ONSEMI-NLSX4373MUTAG Datasheet
170Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
December, 2009 ??Rev. 3
More results

Similar Description - NLSX4373

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3373 ONSEMI-NLSX3373 Datasheet
124Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2008 ??Rev. 5
NLSX4402 ONSEMI-NLSX4402 Datasheet
110Kb / 13P
   2-Bit 20 Mb/s Dual-Supply Level Translator
June, 2015 ??Rev. 1
NLSX0102 ONSEMI-NLSX0102_18 Datasheet
100Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2018 ??Rev. 2
NLSX4402 ONSEMI-NLSX4402_17 Datasheet
115Kb / 14P
   2-Bit 20 Mb/s Dual-Supply Level Translator
August, 2017 ??Rev. 3
NLSX0102 ONSEMI-NLSX0102 Datasheet
141Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
October, 2011 ??Rev. 1
NLSX4302E ONSEMI-NLSX4302E Datasheet
172Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2012 ??Rev. 0
NLSX4373 ONSEMI-NLSX4373 Datasheet
170Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX4401DFT2G ONSEMI-NLSX4401DFT2G Datasheet
110Kb / 13P
   1-Bit 20 Mb/s Dual-Supply Level Translator
September, 2018 ??Rev. 0
NLSX3378 ONSEMI-NLSX3378 Datasheet
121Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
October, 2008 ??Rev. 5
NLSX4401 ONSEMI-NLSX4401_18 Datasheet
109Kb / 13P
   1-Bit 20 Mb/s Dual-Supply Level Translator
May, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com