Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC6420C Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDC6420C
Description  20V N & P-Channel PowerTrench MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6420C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDC6420C Datasheet HTML 1Page - Fairchild Semiconductor FDC6420C Datasheet HTML 2Page - Fairchild Semiconductor FDC6420C Datasheet HTML 3Page - Fairchild Semiconductor FDC6420C Datasheet HTML 4Page - Fairchild Semiconductor FDC6420C Datasheet HTML 5Page - Fairchild Semiconductor FDC6420C Datasheet HTML 6Page - Fairchild Semiconductor FDC6420C Datasheet HTML 7Page - Fairchild Semiconductor FDC6420C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDC6420C Rev C(W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
Q1
0.8
A
Q2
–0.8
VSD
Q1
VGS = 0 V, IS = 0.8 A
(Note 2)
0.7
1.2
Drain–Source Diode Forward
Voltage
Q2
VGS = 0 V, IS = 0.8 A
(Note 2)
–0.8
–1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 130
°C/W when
mounted on a 0.125
in
2 pad of 2 oz.
copper.
b) 140 °C/W when
mounted on a .004 in
2
pad of 2 oz copper
c) 180 C°/W when mounted on a
minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


Similar Part No. - FDC6420C

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
FDC6420C-NL VBSEMI-FDC6420C-NL Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
More results

Similar Description - FDC6420C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6335N FAIRCHILD-FDG6335N Datasheet
66Kb / 5P
   20V N & P-Channel PowerTrench MOSFETs
FDG6332C FAIRCHILD-FDG6332C Datasheet
93Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
FDC6333C FAIRCHILD-FDC6333C Datasheet
98Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
FDS8333C FAIRCHILD-FDS8333C Datasheet
134Kb / 8P
   30V N & P-Channel PowerTrench MOSFETs
logo
First Silicon Co., Ltd
FTK2116NP FS-FTK2116NP Datasheet
1Mb / 6P
   20V N P Dual Channel MOSFETs
FTK2116DFN22 FS-FTK2116DFN22 Datasheet
859Kb / 6P
   20V NP Dual Channel MOSFETs
FTK2120NPSOT563 FS-FTK2120NPSOT563 Datasheet
1Mb / 8P
   20V NP Dual Channel MOSFETs
logo
Fairchild Semiconductor
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
   20V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com