Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3238 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH3238
Description  DC / DC Converter Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH3238 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH3238 Datasheet HTML 1Page - Sanyo Semicon Device CPH3238 Datasheet HTML 2Page - Sanyo Semicon Device CPH3238 Datasheet HTML 3Page - Sanyo Semicon Device CPH3238 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CPH3238
No.7927-3/4
0.1
1.0
10
2
57
3
2
57
3
25
3
IT07229
10
2
3
2
1.0
3
5
7
2
3
100
0.01
5
7
fT -- IC
IT07228
23
5
7
IT07227
VCE(sat) -- IC
IT07226
0.1
2
3
3
2
0.01
0.1
1.0
23
5
7
23
5
7
VBE(sat) -- IC
2
3
5
7
0.01
23
5
7
2
3
5
1.0
35
7
2
0.1
7
Cob -- VCB
IC / IB=50
Ta=75
°C
25
°C
--25
°C
75°C
Ta= --25°C
25°C
IC / IB=50
f=1MHz
0.01
2
7
5
3
100
2
5
3
23
5
7 0.1
23
5
7 1.0
23
5
VCE=10V
IT07230
0.01
0.1
3
2
5
7
1.0
10
2
3
5
7
2
3
5
7
A S O
23
5
7
2
3
5
5
7
1.0
0.1
10
23
PC -- Ta
IT07231
0.9
1.0
0.2
0
20
40
60
80
100
120
140
160
0
0.6
0.8
0.4
0.1
0.5
0.7
0.3
1ms
10ms
100ms
DC
operation
ICP=7A
IC=5A
10
µs
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Ambient Temperature, Ta --
°C
Mounted
on
a
ceramic
board
(600mm
2!
0.8mm)
Ta=25
°C
Single pulse
Mounted on a ceramic board (600mm2!0.8mm)


Similar Part No. - CPH3238

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3234 SANYO-CPH3234 Datasheet
35Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3235 SANYO-CPH3235 Datasheet
38Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3236 SANYO-CPH3236 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3237 SANYO-CPH3237 Datasheet
36Kb / 4P
   NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications
CPH3239 SANYO-CPH3239 Datasheet
41Kb / 4P
   DC / DC Converter Applications
More results

Similar Description - CPH3238

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP302 SANYO-FP302 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FP303 SANYO-FP303 Datasheet
124Kb / 4P
   DC-DC Converter Applications
FSS216 SANYO-FSS216 Datasheet
146Kb / 4P
   DC/DC Converter Applications
CPH3206 SANYO-CPH3206 Datasheet
41Kb / 4P
   DC/DC Converter Applications
CPH5501 SANYO-CPH5501 Datasheet
58Kb / 6P
   DC/DC Converter Applications
CPH5704 SANYO-CPH5704 Datasheet
53Kb / 5P
   DC/DC Converter Applications
CPH6501 SANYO-CPH6501 Datasheet
30Kb / 4P
   DC / DC Converter Applications
CPH6801 SANYO-CPH6801 Datasheet
56Kb / 5P
   DC/DC Converter Applications
CPH3109 SANYO-CPH3109 Datasheet
55Kb / 5P
   DC/DC Converter Applications
MCH6103 SANYO-MCH6103 Datasheet
49Kb / 5P
   DC/DC Converter Applications
2SA2044 SANYO-2SA2044 Datasheet
37Kb / 5P
   DC / DC Converter Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com