Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMT0760FP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CMT0760FP
Description  POWER FIELD EFFECT TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMT0760FP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CMT0760FP Datasheet HTML 1Page - List of Unclassifed Manufacturers CMT0760FP Datasheet HTML 2Page - List of Unclassifed Manufacturers CMT0760FP Datasheet HTML 3Page - List of Unclassifed Manufacturers CMT0760FP Datasheet HTML 4Page - List of Unclassifed Manufacturers CMT0760FP Datasheet HTML 5Page - List of Unclassifed Manufacturers CMT0760FP Datasheet HTML 6Page - List of Unclassifed Manufacturers CMT0760FP Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CMT07N60
POWER FIELD EFFECT TRANSISTOR
2003/06/19
Preliminary Rev. 1.0
Champion Microelectronic Corporation
Page 2
ORDERING INFORMATION
Part Number
Package
CMT07N60
TO-220
CMT07N60FP
TO-220 Full Pak
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, TJ = 25℃.
CMT07N60
Characteristic
Symbol
Min
Typ
Max
Units
Drain-Source Breakdown Voltage
(VGS = 0 V, ID = 250 μA)
V(BR)DSS
600
V
Drain-Source Leakage Current
(VDS = 600 V, VGS = 0 V)
(VDS = 480 V, VGS = 0 V, TJ = 125℃)
IDSS
100
100
μ
A
Gate-Source Leakage Current-Forward
(Vgsf = 20 V, VDS = 0 V)
IGSSF
100
nA
Gate-Source Leakage Current-Reverse
(Vgsr = 20 V, VDS = 0 V)
IGSSR
100
nA
Gate Threshold Voltage
(VDS = VGS, ID = 250 μA)
VGS(th)
2.0
4.0
V
Static Drain-Source On-Resistance (VGS = 10 V, ID = 3.5A) *
RDS(on)
1.2
Forward Transconductance (VDS = 40 V, ID = 3.5A) *
gFS
4.0
mhos
Input Capacitance
Ciss
1380
1800
pF
Output Capacitance
Coss
115
150
pF
Reverse Transfer Capacitance
(VDS = 25 V, VGS = 0 V,
f = 1.0 MHz)
Crss
23
30
pF
Turn-On Delay Time
td(on)
30
70
ns
Rise Time
tr
80
170
ns
Turn-Off Delay Time
td(off)
125
260
ns
Fall Time
(VDD = 300 V, ID = 7.0 A,
VGS = 10 V,
RG = 9.1Ω) *
tf
85
180
ns
Total Gate Charge
Qg
38
50
nC
Gate-Source Charge
Qgs
6.4
nC
Gate-Drain Charge
(VDS = 480 V, ID = 7.0 A,
VGS = 10 V)*
Qgd
15
nC
Internal Drain Inductance
(Measured from the drain lead 0.25” from package to center of die)
LD
4.5
nH
Internal Drain Inductance
(Measured from the source lead 0.25” from package to source bond pad)
LS
7.5
nH
SOURCE-DRAIN DIODE CHARACTERISTICS
Forward On-Voltage(1)
VSD
1.4
V
Forward Turn-On Time
ton
**
ns
Reverse Recovery Time
(IS =7.0 A,
dIS/dt = 100A/µs)
trr
415
ns
* Pulse Test: Pulse Width ≦300µs, Duty Cycle ≦2%
** Negligible, Dominated by circuit inductance


Similar Part No. - CMT0760FP

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CMT0704 CANOPUS-CMT0704 Datasheet
791Kb / 1P
   Magnetic Transducer (AC)
CMT0704A2730NP CANOPUS-CMT0704A2730NP Datasheet
791Kb / 1P
   Magnetic Transducer (AC)
More results

Similar Description - CMT0760FP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTM15N40E MOTOROLA-MTM15N40E Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTH6N55 MOTOROLA-MTH6N55 Datasheet
232Kb / 6P
   Power Field Effect Transistor
MTM25N10 MOTOROLA-MTM25N10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT18N20 ETC1-CMT18N20 Datasheet
199Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTP5N20 MOTOROLA-MTP5N20 Datasheet
165Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP15N05EL MOTOROLA-MTP15N05EL Datasheet
164Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT14N50 CHAMP-CMT14N50 Datasheet
253Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Motorola, Inc
MTM12P10 MOTOROLA-MTM12P10 Datasheet
169Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
MTP10N15 MOTOROLA-MTP10N15 Datasheet
170Kb / 5P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT06N60 ETC-CMT06N60 Datasheet
191Kb / 6P
   POWER FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com