Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KYL-818 Datasheet(PDF) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part # KYL-818
Description  8-way wireless ON-OFFModule
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

KYL-818 Datasheet(HTML) 3 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

  KYL-818 Datasheet HTML 1Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-818 Datasheet HTML 2Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-818 Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-818 Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. KYL-818 Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Shen
Shen
Shen
Shenz
z
z
zhen
hen
hen
hen KYL
KYL
KYL
KYL Communication
Communication
Communication
Communication Equipment
Equipment
Equipment
Equipment Co
Co
Co
Co.
.
.
.,
,
,
, Ltd
Ltd
Ltd
Ltd
www.rf-data.com
sales02@rf-data.com
sales01@rf-data.com
transmitting and timing transmitting are both invalid in this mode.
DIP5
DIP5
DIP5
DIP5:ON--no
ON--no
ON--no
ON--no definition
definition
definition
definition
DIP1-4
DIP1-4
DIP1-4
DIP1-4:channel
channel
channel
channel choosing
choosing
choosing
choosing
To avoid interference, please use different DIP switch mode and choose different
channels when you use several pairs of modules in the same place. Maximal 16
channels.
The following is a channel correspondence table for DIP switch 1-4:
DIP No.
Channel
No.
DIP No.
Channel
No.
DIP No.
Channel
No.
DIP No.
Channel
No.
1
5
9
13
2
6
10
14
3
7
11
15
4
8
12
16
Notice:
Notice:
Notice:
Notice:
* For most users "touch off transmitting mode" is OK-----DIP7-ON
* To avoid interference caused by more pairs of modules working in the same place,
please choose different channels for different systems.
* In timing mode, there should be a master and a slave.
* changing the DIP switch just takes effect after the module is re-power on.
IV
IV
IV
IV.... Wiring
Wiring
Wiring
Wiring Terminal
Terminal
Terminal
Terminal Schematic
Schematic
Schematic
Schematic


Similar Part No. - KYL-818

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812 Datasheet
303Kb / 6P
   KYL-812 wireless ON-OFF input and output module user manual
KYL-812 KYL-KYL-812 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
KYL-812-12 KYL-KYL-812-12 Datasheet
303Kb / 6P
   KYL-812 wireless ON-OFF input and output module user manual
KYL-812-192 KYL-KYL-812-192 Datasheet
303Kb / 6P
   KYL-812 wireless ON-OFF input and output module user manual
KYL-812-24 KYL-KYL-812-24 Datasheet
303Kb / 6P
   KYL-812 wireless ON-OFF input and output module user manual
More results

Similar Description - KYL-818

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KYL COMMUNICAT...
KYL-815 KYL-KYL-815 Datasheet
470Kb / 5P
   4-way wireless ON-OFFModule
logo
TE Connectivity Ltd
ENG_CD_163008 TEC-ENG_CD_163008 Datasheet
78Kb / 1P
   8 WAY FASTIN-ON TAB HOUSING
logo
List of Unclassifed Man...
AC4490 ETC2-AC4490 Datasheet
189Kb / 2P
   The fastest way to wireless
AC4868-250M ETC2-AC4868-250M Datasheet
190Kb / 2P
   THE FASTEST WAY TO WIRELESS
WS-DIAL ETC2-WS-DIAL Datasheet
479Kb / 11P
   Wireless Two-Way Voice Transmission
logo
Innovative Power Produc...
IPP-1193 IPP-IPP-1193 Datasheet
68Kb / 1P
   OUTLINE 8-WAY
IPP-1174 IPP-IPP-1174 Datasheet
67Kb / 1P
   OUTLINE 8-WAY
IPP-1206 IPP-IPP-1206 Datasheet
68Kb / 1P
   OUTLINE 8-WAY
IPP-1145 IPP-IPP-1145 Datasheet
67Kb / 1P
   OUTLINE 8 WAY
logo
WAGO Kontakttechnik Gmb...
750-1607 WAGO-750-1607 Datasheet
513Kb / 12P
   Potential Distribution; 8-way 24 V/8-way 0 V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com