Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XT12VD1G5BH35W Datasheet(PDF) 2 Page - OSRAM GmbH

Part # XT12VD1G5BH35W
Description  ECG for automotive gas discharge headlight lamps
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

XT12VD1G5BH35W Datasheet(HTML) 2 Page - OSRAM GmbH

  XT12VD1G5BH35W Datasheet HTML 1Page - OSRAM GmbH XT12VD1G5BH35W Datasheet HTML 2Page - OSRAM GmbH XT12VD1G5BH35W Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical data
Electrical data
Power input
41 W 1)
Nominal voltage
12.0 V
Nominal wattage
35.00 W
Test voltage
13.5 V
1) Approximately
Dimensions & weight
Length
123.1 mm
Product weight
152.60 g
Lifespan
Lifespan Tc
3000 h
Certificates & standards
ECE category
D1S & D1R
Country specific categorizations
Order reference
XT12VD1G5BH 35W
Product datasheet
__
December 12, 2016, 09:46:07
© 2016, OSRAM GmbH. All rights reserved.
XENAELECTRON -2-D1/12 V BH
Page 2 of 3


Similar Part No. - XT12VD1G5BH35W

ManufacturerPart #DatasheetDescription
logo
Yuechung International ...
XT114 YIC-XT114 Datasheet
331Kb / 1P
   XT114 Series
logo
List of Unclassifed Man...
XT150-M ETC-XT150-M Datasheet
490Kb / 2P
   Material & Parameter
V1. 2
More results

Similar Description - XT12VD1G5BH35W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
64193NBL-HCB60 OSRAM-64193NBL-HCB60 Datasheet
106Kb / 3P
   Halogen headlight lamps
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
Shanghai Leiditech Elec...
2R1000-6 LEIDITECH-2R1000-6 Datasheet
487Kb / 5P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
logo
StarHope
GDT-B8H SPSEMI-GDT-B8H Datasheet
120Kb / 3P
   Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R075LB-7 SUNMATE-3R075LB-7 Datasheet
468Kb / 2P
   GAS DISCHARGE TUBE
3R075TB-8 SUNMATE-3R075TB-8 Datasheet
518Kb / 2P
   GAS DISCHARGE TUBE
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com