Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYW5SM-HZJZ-46-1 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LYW5SM-HZJZ-46-1
Description  white SMD package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYW5SM-HZJZ-46-1 Datasheet(HTML) 3 Page - OSRAM GmbH

  LYW5SM-HZJZ-46-1 Datasheet HTML 1Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 2Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 3Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 4Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 5Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 6Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 7Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 8Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Version 1.1
LY W5SM
2015-02-18
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 125
°C
Storage temperature range
Lagertemperatur
T
stg
-40 ... 125
°C
Junction temperature for short time applications *
Sperrschichttemperatur für Kurzzeitanwendung *
T
j
175
°C
Junction temperature
Sperrschichttemperatur
T
j
135
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
100 ... 1000
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.005; T
S = 25 °C)
I
FM
2500
mA
Reverse voltage
Sperrspannung
(T
S = 25 °C)
V
R
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
V
ESD
8
kV
Note:
*The median lifetime (L70/B50) for Tj = 175°C is 100h.
Anm:
*Die mittlere Lebensdauer (L70/B50) bei Tj = 175°C beträgt 100h.


Similar Part No. - LYW5SM-HZJZ-46-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYW5SM-HZKX-35-J3T3 OSRAM-LYW5SM-HZKX-35-J3T3 Datasheet
645Kb / 21P
   Golden DRAGON
More results

Similar Description - LYW5SM-HZJZ-46-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWW5SM-KXLX-JKQL-24E4 OSRAM-LWW5SM-KXLX-JKQL-24E4 Datasheet
702Kb / 23P
   white SMD package
KR-CSLNM1.23 OSRAM-KR-CSLNM1.23 Datasheet
762Kb / 24P
   white molded SMD ceramic package
KP-CSLPM1.F1 OSRAM-KP-CSLPM1.F1 Datasheet
847Kb / 24P
   white molded SMD ceramic package
LBW5SG OSRAM-LBW5SG Datasheet
168Kb / 14P
   white SMD package, colorless clear
logo
P-tec Corporation
PL0084-WCW15Z P-TEC-PL0084-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-4 Package White
logo
OSRAM GmbH
LV-W5SN OSRAM-LV-W5SN Datasheet
382Kb / 18P
   white SMD package, colorless clear silicone
logo
SunLED Corporation
XZMYLA143S SUNLED-XZMYLA143S Datasheet
341Kb / 7P
   White SMD package with silicone resin
logo
OSRAM GmbH
LR-W5SN OSRAM-LR-W5SN Datasheet
410Kb / 20P
   white SMD package, colorless clear silicone
logo
P-tec Corporation
PL0084-WC3W24 P-TEC-PL0084-WC3W24 Datasheet
31Kb / 1P
   White SMD LED PLCC-4 Package
logo
SunLED Corporation
XZMOLA143S SUNLED-XZMOLA143S Datasheet
340Kb / 7P
   White SMD package with silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com