Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYW5SM-HZJZ-46-1 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LYW5SM-HZJZ-46-1
Description  white SMD package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYW5SM-HZJZ-46-1 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LYW5SM-HZJZ-46-1 Datasheet HTML 9Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 10Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 11Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 12Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 13Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 14Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 15Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 16Page - OSRAM GmbH LYW5SM-HZJZ-46-1 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Version 1.1
LY W5SM
2015-02-18
13
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S /
336 h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]
Recommended Solder Pad 7) page 21
Reflow soldering
Empfohlenes Lötpaddesign 7) Seite 21
Reflow-Löten
Note:
For superior solder joint connectivity results we
recommend soldering under standard nitrogen
atmosphere.
Package not suitable for ultra sonic cleaning.
Anm.:
Um eine verbesserte Lötstellenkontaktierung zu
erreichen, empfehlen wir, unter Standard-
Stickstoffatmosphäre zu löten.
Das Gehäuse ist für Ultraschallreinigung nicht
geeignet.
Solder resist
Bare Copper
Freies Kupfer
Lötpasten Schablone
Solder paste stencil
Lötstopplack
OHPY3637
Kupfer
Copper
1.6 (0.063)
11.6 (0.457)
12.0 (0.472)
1.6 (0.063)
11.6 (0.457)
3 Lötstellen
3 solder points
Thermal enhanced PCB
Thermisch optimiertes PCB
ø4.0 (0.157)
Heatsink attach
ø4.0 (0.157)
ø2.5 (0.098)
1 (0.039)


Similar Part No. - LYW5SM-HZJZ-46-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYW5SM-HZKX-35-J3T3 OSRAM-LYW5SM-HZKX-35-J3T3 Datasheet
645Kb / 21P
   Golden DRAGON
More results

Similar Description - LYW5SM-HZJZ-46-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWW5SM-KXLX-JKQL-24E4 OSRAM-LWW5SM-KXLX-JKQL-24E4 Datasheet
702Kb / 23P
   white SMD package
KR-CSLNM1.23 OSRAM-KR-CSLNM1.23 Datasheet
762Kb / 24P
   white molded SMD ceramic package
KP-CSLPM1.F1 OSRAM-KP-CSLPM1.F1 Datasheet
847Kb / 24P
   white molded SMD ceramic package
LBW5SG OSRAM-LBW5SG Datasheet
168Kb / 14P
   white SMD package, colorless clear
logo
P-tec Corporation
PL0084-WCW15Z P-TEC-PL0084-WCW15Z Datasheet
32Kb / 1P
   SMD LED PLCC-4 Package White
logo
OSRAM GmbH
LV-W5SN OSRAM-LV-W5SN Datasheet
382Kb / 18P
   white SMD package, colorless clear silicone
logo
SunLED Corporation
XZMYLA143S SUNLED-XZMYLA143S Datasheet
341Kb / 7P
   White SMD package with silicone resin
logo
OSRAM GmbH
LR-W5SN OSRAM-LR-W5SN Datasheet
410Kb / 20P
   white SMD package, colorless clear silicone
logo
P-tec Corporation
PL0084-WC3W24 P-TEC-PL0084-WC3W24 Datasheet
31Kb / 1P
   White SMD LED PLCC-4 Package
logo
SunLED Corporation
XZMOLA143S SUNLED-XZMOLA143S Datasheet
340Kb / 7P
   White SMD package with silicone resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com