Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYH9GP-HZKY-36-1 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LYH9GP-HZKY-36-1
Description  SMD epoxy package with silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYH9GP-HZKY-36-1 Datasheet(HTML) 3 Page - OSRAM GmbH

  LYH9GP-HZKY-36-1 Datasheet HTML 1Page - OSRAM GmbH LYH9GP-HZKY-36-1 Datasheet HTML 2Page - OSRAM GmbH LYH9GP-HZKY-36-1 Datasheet HTML 3Page - OSRAM GmbH LYH9GP-HZKY-36-1 Datasheet HTML 4Page - OSRAM GmbH LYH9GP-HZKY-36-1 Datasheet HTML 5Page - OSRAM GmbH LYH9GP-HZKY-36-1 Datasheet HTML 6Page - OSRAM GmbH LYH9GP-HZKY-36-1 Datasheet HTML 7Page - OSRAM GmbH LYH9GP-HZKY-36-1 Datasheet HTML 8Page - OSRAM GmbH LYH9GP-HZKY-36-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Version 1.4
LY H9GP
2016-01-11
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... 125
°C
Storage temperature range
Lagertemperatur
Tstg
-40 ... 125
°C
Junction temperature for short time applications *
Sperrschichttemperatur für Kurzzeitanwendung *
Tj
175
°C
Junction Temperature
Sperrschichttemperatur
T
j
150
°C
Forward current
Durchlassstrom
(TS = 25 °C)
I
F
100 ... 1000
mA
Surge current
Stoßstrom
(t ≤ 10 µs; D = 0.016; T
S = 25 °C)
IFM
2500
mA
Reverse voltage
Sperrspannung
(TS = 25 °C)
V
R
not designed for reverse
operation
V
ESD withstand voltage
ESD Festigkeit
(acc. to ANSI/ESDA/JEDEC JS-001 - HBM, Class
3B)
VESD
8
kV
Note:
*The LED chip exhibits excellent performance but slight package discoloration occurs at highest temperatures. Exemplary
median lifetime for Tj = 175°C is 100h.
Anm:
*Auch bei höchsten Temperaturen zeigt der LED Chip sehr gute Leistungsmerkmale, aber es kann eine leichte Verfärbung
des Gehäuses auftreten. Die mittlere Lebensdauer bei Tj = 175°C beträgt 100h.


Similar Part No. - LYH9GP-HZKY-36-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYH9GP-HZKY-36-1 OSRAM-LYH9GP-HZKY-36-1 Datasheet
689Kb / 21P
   Architectural Lighting indoor and outdoor
More results

Similar Description - LYH9GP-HZKY-36-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KY-HAVPA1.22 OSRAM-KY-HAVPA1.22 Datasheet
851Kb / 21P
   SMD epoxy package with silicone lens
KRHAVPA1.22-VWAV-DQ OSRAM-KRHAVPA1.22-VWAV-DQ Datasheet
829Kb / 22P
   SMD epoxy package with silicone lens
KTHAVPA1.12-BVCU-DJ18 OSRAM-KTHAVPA1.12-BVCU-DJ18 Datasheet
878Kb / 23P
   SMD epoxy package with silicone lens
LDH9GP-3T2U-35-1 OSRAM-LDH9GP-3T2U-35-1 Datasheet
725Kb / 21P
   SMD epoxy package with silicone lens
LCWH9GP OSRAM-LCWH9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LCW-H9GP OSRAM-LCW-H9GP Datasheet
888Kb / 26P
   SMD epoxy package with silicone lens
LUW-H9GP.CE OSRAM-LUW-H9GP.CE Datasheet
729Kb / 23P
   SMD epoxy package with silicone lens
KB-HAVPA1.12 OSRAM-KB-HAVPA1.12 Datasheet
858Kb / 22P
   SMD epoxy package with silicone lens
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
   SMD epoxy package with silicone lens
LRH9GP-HZKX-1-1 OSRAM-LRH9GP-HZKX-1-1 Datasheet
613Kb / 21P
   SMD epoxy package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com