Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LYGT67K-JL-1-HK-1 Datasheet(PDF) 6 Page - OSRAM GmbH

Part No. LYGT67K-JL-1-HK-1
Description  white PLCC-4 package
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 6 page
background image
2016-10-04
6
LYG T67K
Relative spektrale Emission
6) Seite 18
Relative Spectral Emission
6) page 18
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
I
rel = f (λ); TS = 25 °C; IF = 2 mA
Abstrahlcharakteristik
6) Seite 18
Radiation Characteristic
6) page 18
I
rel = f (ϕ); TS = 25 °C, IF = 2 mA
LYG T67K
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl