Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LYGT67K-JL-1-HK-1 Datasheet(PDF) 15 Page - OSRAM GmbH

Part No. LYGT67K-JL-1-HK-1
Description  white PLCC-4 package
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 15 page
background image
LYG T67K
2016-10-04
15
Trockenverpackung und Materialien
Dry Packing Process and Materials
Anm.:
Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem Trockenmittel und
einer Feuchteindikatorkarte
Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form Catalog im
Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind Normenbezüge, unter
anderem ein Auszug der JEDEC-Norm, enthalten.
Note:
Moisture-senisitve product is packed in a dry bag containing desiccant and a humidity card.
Regarding dry pack you will find further information in the internet and in the Short Form Catalog in chapter
“Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references like JEDEC.
Kartonverpackung und Materialien
Transportation Packing and Materials
OHA00539
OS
RA
M
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSR
AM
M
o
is
tu
re
L
e
v
e
l 3
F
lo
o
r
tim
e
1
6
8
H
o
u
rs
M
o
is
tu
re
L
e
v
e
l 6
F
lo
o
r
ti
m
e
6
H
o
u
rs
a
)
H
u
m
id
ity
In
di
c
a
to
r
C
a
rd
is
>
1
0
%
w
h
e
n
re
a
d
a
t
2
3
˚C
±
5
˚C
, o
r
re
flo
w
,
v
a
p
o
r-
p
h
a
se
re
flo
w
,
o
r
e
q
u
iv
a
le
n
t
p
ro
ce
s
si
n
g
(p
e
a
k
p
a
ck
a
g
e
2
.
A
ft
e
r
th
is
b
a
g
is
o
p
e
n
e
d
,
d
e
vi
c
e
s
th
a
t
w
ill
b
e
s
u
b
je
c
te
d
to
in
fr
a
re
d
1
.
S
h
e
lf
lif
e
in
s
e
a
le
d
b
a
g
:
2
4
m
o
n
th
s
a
t
<
4
0
˚C
a
n
d
<
9
0
%
re
la
ti
ve
h
u
m
id
it
y
(R
H).
M
o
is
tu
re
L
e
ve
l
5
a
a
t
fa
c
to
ry
co
n
d
it
io
n
s
o
f
(i
f
b
la
n
k,
se
a
l d
a
te
is
id
e
n
ti
ca
l
w
it
h
d
a
te
co
d
e
).
a
)
M
o
u
n
te
d
w
ith
in
b
)
S
to
re
d
a
t
b
o
d
y
te
m
p
.
3
.
D
e
v
ic
e
s
re
q
u
ir
e
b
a
k
in
g
,
b
e
fo
re
m
o
u
n
tin
g
,
if:
B
a
g
s
e
a
l d
a
te
M
o
is
tu
re
L
e
ve
l
1
M
o
is
tu
re
L
e
v
e
l 2
M
o
is
tu
re
L
e
v
e
l
2
a
4
.
If
b
a
k
in
g
is
re
q
u
ir
e
d
,
b
)
2
a
o
r
2
b
is
n
o
t
m
e
t.
D
a
te
a
n
d
t
im
e
o
p
e
n
e
d
:
re
fe
re
n
ce
IP
C
/J
E
D
E
C
J-
S
T
D
-0
3
3
fo
r
b
a
ke
p
ro
c
e
d
u
re
.
F
lo
o
r
ti
m
e
s
e
e
b
e
lo
w
If
b
la
n
k,
se
e
b
a
r
c
o
d
e
la
b
e
l
F
lo
o
r
tim
e
>
1
Y
e
a
r
Fl
o
o
r t
im
e
1
Y
e
a
r
F
lo
o
r
tim
e
4
W
e
e
k
s
1
0
%
R
H
.
_
<
M
o
is
tu
re
L
e
ve
l 4
M
o
is
tu
re
L
e
v
e
l 5
˚C
).
O
P
T
O
S
E
M
IC
O
N
D
U
C
TO
R
S
M
O
IS
T
U
R
E
S
E
N
S
IT
IV
E
T
hi
s
ba
g
co
n
ta
in
s
C
A
U
TI
O
N
F
lo
o
r
tim
e
7
2
H
o
u
rs
F
lo
o
r
tim
e
4
8
H
o
u
rs
F
lo
o
r
ti
m
e
2
4
H
o
u
rs
3
0
˚C
/6
0%
R
H.
_
<
L
E
V
E
L
If
b
la
n
k,
se
e
b
a
r
c
o
d
e
la
b
e
l
OHA02044
OS
RA
M
Packing
Sealing label
Barcode label
M
o
ist
u
re
L
e
ve
l 3
F
lo
o
r
tim
e
1
6
8
H
o
u
rs
M
o
is
tu
re
L
e
ve
l
6
F
lo
o
r
tim
e
6
H
o
u
rs
a
)
Hu
m
id
ity
In
d
ic
a
to
r
C
a
rd
is
>
1
0
%
w
h
e
n
re
a
d
a
t
2
3
˚C
±
5
˚C
,
o
r
re
fl
o
w
,
va
p
o
r-
p
h
a
se
re
flo
w
,
o
r
e
q
u
iv
a
le
n
t
p
ro
ce
ss
in
g
(p
e
a
k
p
a
cka
g
e
2
.
A
ft
e
r
th
is
b
a
g
is
o
p
e
n
e
d
,
d
e
v
ic
e
s
th
a
t
w
ill
b
e
su
b
je
ct
e
d
to
in
fr
a
re
d
1
.
S
h
e
lf
life
in
se
a
le
d
b
a
g
:
2
4
m
o
n
th
s
a
t
<
4
0
˚C
a
n
d
<
9
0
%
re
la
tiv
e
h
u
m
id
it
y
(R
H
).
M
o
is
tu
re
L
e
v
e
l
5
a
a
t f
a
c
to
ry
co
n
d
iti
o
n
s
o
f
(i
f
b
la
n
k
,
se
a
l d
a
te
is
id
e
n
tic
a
l w
ith
d
a
te
co
d
e
).
a
)
M
o
u
n
te
d
w
it
h
in
b
)
S
to
re
d
a
t
b
o
d
y
te
m
p
.
3
.
D
e
vi
ce
s
re
q
u
ir
e
b
a
ki
n
g
,
b
e
fo
re
m
o
u
n
tin
g
,
if:
B
a
g
se
a
l d
a
te
M
o
ist
u
re
L
e
ve
l 1
M
o
is
tu
re
L
e
ve
l
2
M
o
is
tu
re
L
e
ve
l 2
a
4
.
If
b
a
kin
g
is
re
q
u
ir
e
d
,
b
)
2
a
o
r
2
b
is
n
o
t
m
e
t.
D
a
te
a
n
d
tim
e
o
p
e
n
e
d
:
re
fe
re
n
c
e
IP
C
/J
E
D
E
C
J-
S
T
D
-0
3
3
fo
r
b
a
ke
p
ro
ce
d
u
re
.
F
lo
o
r
tim
e
se
e
b
e
lo
w
If
b
la
n
k
,
s
e
e
b
a
r
co
d
e
la
b
e
l
F
lo
o
r tim
e
>
1
Y
e
a
r
F
lo
o
r
tim
e
1
Y
e
a
r
F
lo
o
r
tim
e
4
W
e
e
k
s
1
0
%
R
H
.
_
<
M
o
is
tu
re
L
e
ve
l 4
M
o
is
tu
re
L
e
v
e
l 5
˚C
).
O
P
TO
S
E
M
IC
O
N
DU
C
TO
RS
M
O
IS
TUR
E
S
E
N
S
IT
IV
E
Th
is
b
ag
co
nt
ai
n
s
C
A
U
TIO
N
F
lo
o
r
tim
e
7
2
H
o
u
rs
F
lo
o
r
tim
e
4
8
Ho
u
rs
F
lo
o
r
tim
e
2
4
H
o
u
rs
3
0
˚C
/6
0
%
R
H
.
_
<
L
E
V
E
L
If
b
la
n
k
,
se
e
b
a
r
c
o
d
e
la
b
e
l
Barcode label




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl