Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LYG6SP-CBEB-36-3B5A Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LYG6SP-CBEB-36-3B5A
Description  white SMT package
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 1 page
background image
2015-04-23
1
2015-04-23
Advanced Power TOPLED
Datasheet
Version 1.2
LY G6SP
Advanced Power TOPLED features a compact
package with a wide brightness range and high
luminous efficiency.
Advanced Power TOPLED verfügt über eine
platzsparende Bauform mit einer breiten Spanne an
Helligkeit und hoher Lichtausbeute.
Features:
Besondere Merkmale:
Package: white SMT package, colorless clear
silicone resin
Gehäusetyp: weißes SMT Gehäuse, farbloser,
klarer Silikon Verguss
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % I
V: 120° (Lambertian
Emitter)
Abstrahlwinkel bei 50 % I
V: 120° (Lambertscher
Strahler)
Color: yellow (590 nm)
Farbe: gelb (590 nm)
Optical efficiency (typ.): 44 lm/W (yellow)
Optischer Wirkungsgrad (typ.): 44 lm/W (gelb)
Corrosion Robustness: Improved corrosion
robustness
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
Backlighting
Hinterleuchtung
Signaling
Signalanlagen
Exterior Automotive Lighting
Automobilbeleuchtung außen
Automotive Interior Lighting
Automobilbeleuchtung innen




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl