Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LYG5AP-CXDX-36-1 Datasheet(PDF) 1 Page - OSRAM GmbH

Part No. LYG5AP-CXDX-36-1
Description  clear silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OSRAM [OSRAM GmbH]
Homepage  http://www.osram.com
Logo 

 
 1 page
background image
2011-05-04
1
2011-05-04
Advanced Power TOPLED
Datasheet
LY G5AP
Advanced Power TOPLED Plus packs outstanding
brightness into a mid-power package, making it the
perfect light source for thin applications that need
bright and homogeneous lighting.
Advanced Power TOPLED Plus verfügt über eine
hervorragende Helligkeit in einem Mid-Power
Gehäuse, weshalb Sie die perfekte Lichtquelle, für
helle und homogene Beleuchtung auf kleinstem
Raum ist.
Features:
Besondere Merkmale:
Package: white PLCC-4 package, colorless clear
silicone resin, clear silicone lens
Gehäusetyp: weisses PLCC-4 Gehäuse,
farbloser, klarer Silikon Verguss, klare Silikonlinse
Technology: InGaAlP Thinfilm
Technologie: InGaAlP Thinfilm
Viewing angle at 50 % I
V: 145°
Abstrahlwinkel bei 50 % I
V: 145°
Color: yellow (590 nm)
Farbe: gelb (590 nm)
Optical efficiency (typ.): 65 lm/W (yellow)
Optischer Wirkungsgrad (typ.): 65 lm/W
(gelb)
ESD-withstand voltage: 2 kV acc. to
JESD22-A114-D
ESD-Festigkeit: 2 kV nach JESD22-A114-D
Applications
Anwendungen
backlighting (LCD, switches, displays, illuminated
advertising, general lighting)
Hinterleuchtung (LCD, Schalter, Displays,
Werbebeleuchtung, Allgemeinbeleuchtung)
substitution of micro incandescent lamps
Ersatz von Kleinst-Glühlampen
decorative and entertainment lighting (incl. fiber
optic illumination)
dekorative Beleuchtung
signal and symbol luminaire for orientation
Signal- und Symbolleuchten zur Orientierung
marker lights (e.g. steps, exit ways, etc.)
Markierungsbeleuchtung (z.B. Stufen,
Fluchtwege, u.ä.)
indoor and outdoor commercial and residential
architectural lighting
Fassadenbeleuchtung im Innen- und
Außenbereich




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl