Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWY87C-T1U1-3K8L Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LWY87C-T1U1-3K8L
Description  white SMT package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY87C-T1U1-3K8L Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LWY87C-T1U1-3K8L Datasheet HTML 5Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 6Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 7Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 8Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 9Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 10Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 11Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 12Page - OSRAM GmbH LWY87C-T1U1-3K8L Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 2.2
LW Y87C
2016-02-01
9
Relative Spectral Emission - V(λ) = Standard eye response curve 6) page 21
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 6) Seite 21
Irel = f (λ); TS = 25 °C; IF = 20 mA
Radiation Characteristics 6) page 21
Abstrahlcharakteristik 6) Seite 21
Irel = f (ϕ); TS = 25 °C
0
400
λ
OHL01461
I
20
40
60
80
%
100
rel
nm
Vλ
450
500
550
600
650
700
750
0
0.2
0.4
1.0
0.8
0.6
ϕ
1.0
0.8
0.6
0.4
10˚
20˚
40˚
30˚
OHL01660
50˚
60˚
70˚
80˚
90˚
100˚
20˚
40˚
60˚
80˚
100˚
120˚


Similar Part No. - LWY87C-T1U1-3K8L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY87C-T1U1-3K8L OSRAM-LWY87C-T1U1-3K8L Datasheet
607Kb / 22P
   Micro SIDELED 3010
More results

Similar Description - LWY87C-T1U1-3K8L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-A676 OSRAM-LS-A676 Datasheet
194Kb / 14P
   white SMT package
LYM676-Q2T1-26 OSRAM-LYM676-Q2T1-26 Datasheet
506Kb / 20P
   white SMT package
LWY8SG-V1AA-3K6L OSRAM-LWY8SG-V1AA-3K6L Datasheet
556Kb / 22P
   white SMT package
LYM67K-J1L2-26 OSRAM-LYM67K-J1L2-26 Datasheet
503Kb / 20P
   white SMT package
LYG6SP-CBEB-36-3B5A OSRAM-LYG6SP-CBEB-36-3B5A Datasheet
619Kb / 21P
   white SMT package
LYY8SF-U1V2-36 OSRAM-LYY8SF-U1V2-36 Datasheet
496Kb / 21P
   white SMT package
LSYA676 OSRAM-LSYA676 Datasheet
398Kb / 15P
   white SMT package
LSY-A676 OSRAM-LSY-A676 Datasheet
398Kb / 15P
   white SMT package
LYY876-Q2T1-26 OSRAM-LYY876-Q2T1-26 Datasheet
504Kb / 20P
   white SMT package
LW-A67C OSRAM-LW-A67C Datasheet
188Kb / 15P
   white SMT package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com