Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWY87C-S1T2-3K8L Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LWY87C-S1T2-3K8L
Description  white SMT package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY87C-S1T2-3K8L Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LWY87C-S1T2-3K8L Datasheet HTML 6Page - OSRAM GmbH LWY87C-S1T2-3K8L Datasheet HTML 7Page - OSRAM GmbH LWY87C-S1T2-3K8L Datasheet HTML 8Page - OSRAM GmbH LWY87C-S1T2-3K8L Datasheet HTML 9Page - OSRAM GmbH LWY87C-S1T2-3K8L Datasheet HTML 10Page - OSRAM GmbH LWY87C-S1T2-3K8L Datasheet HTML 11Page - OSRAM GmbH LWY87C-S1T2-3K8L Datasheet HTML 12Page - OSRAM GmbH LWY87C-S1T2-3K8L Datasheet HTML 13Page - OSRAM GmbH LWY87C-S1T2-3K8L Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2016-02-01
10
Version 2.2
LW Y87C
Forward Current 6) page 21 , 7) page 21
Durchlassstrom 6) Seite 21 , 7) Seite 21
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 6) page 21 , 7) page 21
Relative Lichtstärke 6) Seite 21 , 7) Seite 21
IV/IV(20 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 6) page 21
Farbortverschiebung 6) Seite 21
Cx, Cy = f(IF); TS = 25 °C
2,6 2,8 3,0 3,2 3,4 3,6 3,8 4,0
VF [V]
1
5
10
50
ΙF [mA]
5
10
50
100
ΙF [mA]
0,1
0,5
1
ΙV
ΙV (20mA)
0
10
20
30
40
50
ΙF [mA]
-0,03
-0,02
-0,01
0,00
0,01
0,02
0,03
∆Cx, ∆Cy
: Cx
: Cy


Similar Part No. - LWY87C-S1T2-3K8L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY87C-S1T2-3K8L OSRAM-LWY87C-S1T2-3K8L Datasheet
607Kb / 22P
   Micro SIDELED 3010
More results

Similar Description - LWY87C-S1T2-3K8L

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-A676 OSRAM-LS-A676 Datasheet
194Kb / 14P
   white SMT package
LYM676-Q2T1-26 OSRAM-LYM676-Q2T1-26 Datasheet
506Kb / 20P
   white SMT package
LWY8SG-V1AA-3K6L OSRAM-LWY8SG-V1AA-3K6L Datasheet
556Kb / 22P
   white SMT package
LYM67K-J1L2-26 OSRAM-LYM67K-J1L2-26 Datasheet
503Kb / 20P
   white SMT package
LYG6SP-CBEB-36-3B5A OSRAM-LYG6SP-CBEB-36-3B5A Datasheet
619Kb / 21P
   white SMT package
LYY8SF-U1V2-36 OSRAM-LYY8SF-U1V2-36 Datasheet
496Kb / 21P
   white SMT package
LSYA676 OSRAM-LSYA676 Datasheet
398Kb / 15P
   white SMT package
LSY-A676 OSRAM-LSY-A676 Datasheet
398Kb / 15P
   white SMT package
LYY876-Q2T1-26 OSRAM-LYY876-Q2T1-26 Datasheet
504Kb / 20P
   white SMT package
LW-A67C OSRAM-LW-A67C Datasheet
188Kb / 15P
   white SMT package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com