Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWY1SG-BFOO-EKFM-1 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # LWY1SG-BFOO-EKFM-1
Description  white SMT package
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWY1SG-BFOO-EKFM-1 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button LWY1SG-BFOO-EKFM-1 Datasheet HTML 13Page - OSRAM GmbH LWY1SG-BFOO-EKFM-1 Datasheet HTML 14Page - OSRAM GmbH LWY1SG-BFOO-EKFM-1 Datasheet HTML 15Page - OSRAM GmbH LWY1SG-BFOO-EKFM-1 Datasheet HTML 16Page - OSRAM GmbH LWY1SG-BFOO-EKFM-1 Datasheet HTML 17Page - OSRAM GmbH LWY1SG-BFOO-EKFM-1 Datasheet HTML 18Page - OSRAM GmbH LWY1SG-BFOO-EKFM-1 Datasheet HTML 19Page - OSRAM GmbH LWY1SG-BFOO-EKFM-1 Datasheet HTML 20Page - OSRAM GmbH LWY1SG-BFOO-EKFM-1 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Version 2.5
LW Y1SG
2015-06-12
17
Tape dimensions [mm]
Gurtmaße [mm]
Tape dim ensi ons in m m
Reel dimensions [mm]
Rollenmaße [mm]
Reel dim ensi ons in m m
Tape and Reel
Gurtverpackung
8 mm tape with 2000 pcs. on ∅ 180 mm reel
W
P0
P1
P2
D0
E
F
8 + 0.3 / -0.1
4 ± 0.1
2 ± 0.05
or
4 ± 0.1
2 ± 0.05
1.5 ± 0.1
1.75 ± 0.1
3.5 ± 0.05
A
W
Nmin
W1
W2max
180
8
60
8.4 + 2
14.4
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D


Similar Part No. - LWY1SG-BFOO-EKFM-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWY1SG-BFOO-EKFM-1 OSRAM-LWY1SG-BFOO-EKFM-1 Datasheet
551Kb / 22P
   Micro SIDELED 2808
LWY1SG-BFOO-EKFM-1 OSRAM-LWY1SG-BFOO-EKFM-1 Datasheet
551Kb / 22P
   Micro SIDELED 2808
More results

Similar Description - LWY1SG-BFOO-EKFM-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LS-A676 OSRAM-LS-A676 Datasheet
194Kb / 14P
   white SMT package
LYM676-Q2T1-26 OSRAM-LYM676-Q2T1-26 Datasheet
506Kb / 20P
   white SMT package
LWY8SG-V1AA-3K6L OSRAM-LWY8SG-V1AA-3K6L Datasheet
556Kb / 22P
   white SMT package
LYM67K-J1L2-26 OSRAM-LYM67K-J1L2-26 Datasheet
503Kb / 20P
   white SMT package
LYG6SP-CBEB-36-3B5A OSRAM-LYG6SP-CBEB-36-3B5A Datasheet
619Kb / 21P
   white SMT package
LYY8SF-U1V2-36 OSRAM-LYY8SF-U1V2-36 Datasheet
496Kb / 21P
   white SMT package
LWY87C-S1T2-3K8L OSRAM-LWY87C-S1T2-3K8L Datasheet
607Kb / 22P
   white SMT package
LSYA676 OSRAM-LSYA676 Datasheet
398Kb / 15P
   white SMT package
LSY-A676 OSRAM-LSY-A676 Datasheet
398Kb / 15P
   white SMT package
LYY876-Q2T1-26 OSRAM-LYY876-Q2T1-26 Datasheet
504Kb / 20P
   white SMT package
LW-A67C OSRAM-LW-A67C Datasheet
188Kb / 15P
   white SMT package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com