Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWQ38G-Q1OO-3K6L-1 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LWQ38G-Q1OO-3K6L-1
Description  SMT package 0603
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWQ38G-Q1OO-3K6L-1 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LWQ38G-Q1OO-3K6L-1 Datasheet HTML 5Page - OSRAM GmbH LWQ38G-Q1OO-3K6L-1 Datasheet HTML 6Page - OSRAM GmbH LWQ38G-Q1OO-3K6L-1 Datasheet HTML 7Page - OSRAM GmbH LWQ38G-Q1OO-3K6L-1 Datasheet HTML 8Page - OSRAM GmbH LWQ38G-Q1OO-3K6L-1 Datasheet HTML 9Page - OSRAM GmbH LWQ38G-Q1OO-3K6L-1 Datasheet HTML 10Page - OSRAM GmbH LWQ38G-Q1OO-3K6L-1 Datasheet HTML 11Page - OSRAM GmbH LWQ38G-Q1OO-3K6L-1 Datasheet HTML 12Page - OSRAM GmbH LWQ38G-Q1OO-3K6L-1 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.3
LW Q38G
2015-09-01
9
Forward Current 8) page 21 , 9) page 21
Durchlassstrom 8) Seite 21 , 9) Seite 21
IF = f (VF); TA = 25 °C
Relative Luminous Intensity 8) page 21 , 9) page 21
Relative Lichtstärke 8) Seite 21 , 9) Seite 21
IV/IV(5 mA) = f(IF); TA = 25 °C
Chromaticity Coordinate Shift 8) page 21
Farbortverschiebung 8) Seite 21
ΔCx, ΔCy = f(IF); TA = 25 °C
2.5
1
10
10
2
5
OHL02359
10
0
3
3.5
4
4.5 V 5
5
mA
VF
F
I
OHL03549
(5 mA)
V
V
I
I
I
F
1
10
10
-1
10
0
5
2
1
0
10
5
10
mA 10
LW Q38G
1
15
2
4
6
8
10
12
IF [mA]
0.24
0.26
0.28
0.30
0.32
Cx
Cy
: Cx
: Cy


Similar Part No. - LWQ38G-Q1OO-3K6L-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWQ38G-Q1OO-3K6L-1 OSRAM-LWQ38G-Q1OO-3K6L-1 Datasheet
562Kb / 22P
   Backlighting
More results

Similar Description - LWQ38G-Q1OO-3K6L-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYQ396-P1Q2-36 OSRAM-LYQ396-P1Q2-36 Datasheet
1Mb / 20P
   SMT package 0603
LWQ38E-Q1OO-3K6L-1 OSRAM-LWQ38E-Q1OO-3K6L-1 Datasheet
557Kb / 22P
   SMT package 0603
Q65110A3342 OSRAM-Q65110A3342 Datasheet
388Kb / 20P
   Package: SMT package 0603, colorless diffused resin
LG-L29K OSRAM-LG-L29K Datasheet
423Kb / 20P
   SMT package 0603, colorless diffused resin
LP-L296 OSRAM-LP-L296 Datasheet
388Kb / 20P
   SMT package 0603, colorless diffused resin
LY-L29K OSRAM-LY-L29K Datasheet
390Kb / 20P
   SMT package 0603, colorless diffused resin
LO-L296 OSRAM-LO-L296 Datasheet
393Kb / 20P
   SMT package 0603, colorless diffused resin
LS-L29K OSRAM-LS-L29K Datasheet
383Kb / 20P
   SMT package 0603, colorless diffused resin
LW-L283 OSRAM-LW-L283 Datasheet
525Kb / 23P
   SMT package 0603, colored diffused resin
LB-Q39E OSRAM-LB-Q39E Datasheet
1Mb / 21P
   SMT package 0603, colorless diffused resin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com