Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100EL16TA-TD Datasheet(PDF) 10 Page - SEMTECH ELECTRONICS LTD.

Part # 100EL16TA-TD
Description  Differential Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

100EL16TA-TD Datasheet(HTML) 10 Page - SEMTECH ELECTRONICS LTD.

Back Button 100EL16TA-TD Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 100EL16TA-TD Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 100EL16TA-TD Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 100EL16TA-TD Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD. 100EL16TA-TD Datasheet HTML 6Page - SEMTECH ELECTRONICS LTD. 100EL16TA-TD Datasheet HTML 7Page - SEMTECH ELECTRONICS LTD. 100EL16TA-TD Datasheet HTML 8Page - SEMTECH ELECTRONICS LTD. 100EL16TA-TD Datasheet HTML 9Page - SEMTECH ELECTRONICS LTD. 100EL16TA-TD Datasheet HTML 10Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.semtech.com
HIGH-PER.ORMANCE PRODUCTS
SK10/100EL16TA-TD
Revision 1/February 12, 2001
PRELIMINARY
Function / Voltage &
Device Operation
Function Code / Part Number
H = 10
K = 100
YY: Last two digits of the Year
WW: Working Week
EL
WW
YY
8 PIN SOIC PACKAGE
Assembly
Lot Number
Marking Information
Division Headquarters
10021 Willow Creek Road
San Diego, CA 92131
Phone: (858) 695-1808
FAX:
(858) 695-2633
Marketing Group
1111 Comstock Street
Santa Clara, CA 95054
Phone: (408) 566-8776
FAX: (408) 727-8994
Semtech Corporation
High-Performance Products Division
Contact Information


Similar Part No. - 100EL16TA-TD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100EL16 FAIRCHILD-100EL16 Datasheet
138Kb / 5P
   5V ECL Differential Receiver
100EL16M FAIRCHILD-100EL16M Datasheet
138Kb / 5P
   5V ECL Differential Receiver
100EL16M8 FAIRCHILD-100EL16M8 Datasheet
138Kb / 5P
   5V ECL Differential Receiver
More results

Similar Description - 100EL16TA-TD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16 Datasheet
58Kb / 3P
   Differential Receiver
1996 REV 0
MC10EP16 ONSEMI-MC10EP16 Datasheet
87Kb / 8P
   Differential Receiver
Sep, 1999 ??Rev. 1.0
MC10EL16 ONSEMI-MC10EL16 Datasheet
69Kb / 8P
   Differential Receiver
November, 2003 ??Rev. 5
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
   Differential Line Receiver
logo
Arizona Microtek, Inc
AZ100EP16 AZM-AZ100EP16_12 Datasheet
421Kb / 7P
   LVPECL Differential Receiver
logo
Micrel Semiconductor
SY10EL16VA MICREL-SY10EL16VA Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
   Differential line receiver.
logo
Intersil Corporation
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
   Differential Line Receiver
logo
Micrel Semiconductor
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com