Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


M51971L Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M51971L
Description  MOTOR SPEED CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

 
 3 page
background image
MOTOR SPEED CONTROL
M51971L/FP
MITSUBISHI <CONTROL / DRIVER IC>
TYPICAL CHARACTERISTICS
M51971L
M51971FP
1000
800
600
400
200
0
0
25
50
75
100
125
Thermal Derating (Maximum Rating)
Ambient temperature Ta (
°C)
3005
3000
2995
04
8
12
16
20
Rotating speed–Supply voltage characteristics
Supply voltage VCC (V)
No load
3005
3000
2995
0
50
100
Rotating speed–Motor torque characteristics
VCC=9V
-50
-25
3005
3000
2995
100
Rotating speed–Ambient temperature
characteristics
Ambient temperature Ta (
°C)
025
50
75
VCC=9V
No load
R
τ, Cτ
Outside constant
temperature bath
5
4
3
2
1
0
0
4
8
121620
Circuit current–Supply voltage characteristics
Supply voltage VCC (V)
Torque T (g-cm)
-50
100
Circuit current–Ambient temperature
characteristics
Ambient temperature Ta (˚C)
-25
0
25
50
75
5
4
3
2
1
0




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LB1877VBrushless Motor Driver with Speed Control for Portable Cassette Recorders 1 2 3 4 5 MoreSanyo Semicon Device
FAN8460MTCSingle Phase Full Wave BLDC Motor Driver with Variable Speed Control 1 2 3 4 5 MoreFairchild Semiconductor
UTC6651MOTOR SPEED CONTROL CIRCUIT 1 2 List of Unclassifed Manufacturers
BA860Motor speed and phase control 1 2 3 List of Unclassifed Manufacturers
M51970LMOTOR SPEED CONTROL 1 2 3 4 Mitsubishi Electric Semiconductor
UTCAN6650MOTOR SPEED CONTROL CIRCUIT 1 2 3 Unisonic Technologies
TDA5341Brushless DC motor and VCM drive circuit with speed control 1 2 3 4 5 MoreNXP Semiconductors
UTCAN6651MOTOR SPEED CONTROL CIRCUIT 1 2 3 Unisonic Technologies
UTC6650MOTOR SPEED CONTROL CIRCUIT 1 2 3 4 Linear Integrated Systems
M54548ALBI-DIRECTIONAL MOTOR DRIVER WITH MOTER SPEED CONTROL 1 2 3 Mitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl