Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSQ020N03FRA Datasheet(PDF) 4 Page - Rohm

Part # RSQ020N03FRA
Description  Nch 30V 2A Small Signal MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSQ020N03FRA Datasheet(HTML) 4 Page - Rohm

  RSQ020N03FRA Datasheet HTML 1Page - Rohm RSQ020N03FRA Datasheet HTML 2Page - Rohm RSQ020N03FRA Datasheet HTML 3Page - Rohm RSQ020N03FRA Datasheet HTML 4Page - Rohm RSQ020N03FRA Datasheet HTML 5Page - Rohm RSQ020N03FRA Datasheet HTML 6Page - Rohm RSQ020N03FRA Datasheet HTML 7Page - Rohm RSQ020N03FRA Datasheet HTML 8Page - Rohm RSQ020N03FRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RSQ020N03FRA
           
               
Datasheet
l
lElectrical characteristic curves
Fig.1 Power Dissipation Derating Curve
Fig.2 Maximum Safe Operating Area
Fig.3 Normalized Transient Thermal
    Resistance vs. Pulse Width
Fig.4 Single Pulse Maximum Power
    dissipation
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
4/11
20160808 - Rev.001


Similar Part No. - RSQ020N03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSQ020N03 ROHM-RSQ020N03 Datasheet
69Kb / 5P
   4V Drive Nch MOSFET
RSQ020N03HZG ROHM-RSQ020N03HZG Datasheet
2Mb / 15P
   Nch 30V 2A Small Signal MOSFET
logo
VBsemi Electronics Co.,...
RSQ020N03TR VBSEMI-RSQ020N03TR Datasheet
486Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - RSQ020N03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSQ020N03HZG ROHM-RSQ020N03HZG Datasheet
2Mb / 15P
   Nch 30V 2A Small Signal MOSFET
QS8K2HZG ROHM-QS8K2HZG Datasheet
2Mb / 15P
   30V NchNch Small Signal MOSFET
QH8KA3 ROHM-QH8KA3 Datasheet
2Mb / 15P
   Nch Nch 30V 9.0A Small Signal MOSFET
RTR020N05HZG ROHM-RTR020N05HZG Datasheet
2Mb / 15P
   Nch 45V 2A Small Signal MOSFET
RTQ020N05FRA ROHM-RTQ020N05FRA Datasheet
2Mb / 14P
   Nch 45V 2A Small Signal MOSFET
RTR020N05FRA ROHM-RTR020N05FRA Datasheet
2Mb / 14P
   Nch 45V 2A Small Signal MOSFET
RTQ020N05HZG ROHM-RTQ020N05HZG Datasheet
2Mb / 15P
   Nch 45V 2A Small Signal MOSFET
RSR020N06HZG ROHM-RSR020N06HZG Datasheet
2Mb / 14P
   Nch 60V 2A Small Signal MOSFET
RSR025N03FRATL ROHM-RSR025N03FRATL Datasheet
2Mb / 14P
   Nch 30V 2.5A Small Signal MOSFET
RTQ045N03FRA ROHM-RTQ045N03FRA_16 Datasheet
2Mb / 15P
   Nch 30V 4.5A Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com