Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSJ400N10FRA Datasheet(PDF) 2 Page - Rohm

Part # RSJ400N10FRA
Description  Nch 100V 40A Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSJ400N10FRA Datasheet(HTML) 2 Page - Rohm

  RSJ400N10FRA Datasheet HTML 1Page - Rohm RSJ400N10FRA Datasheet HTML 2Page - Rohm RSJ400N10FRA Datasheet HTML 3Page - Rohm RSJ400N10FRA Datasheet HTML 4Page - Rohm RSJ400N10FRA Datasheet HTML 5Page - Rohm RSJ400N10FRA Datasheet HTML 6Page - Rohm RSJ400N10FRA Datasheet HTML 7Page - Rohm RSJ400N10FRA Datasheet HTML 8Page - Rohm RSJ400N10FRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSJ400N10FRA
Thermal resistance, junction - ambient
-1
-
100
Values
Min.
Typ.
Max.
Drain - Source breakdown voltage
Zero gate voltage drain current
V(BR)DSS
IDSS
-
-
VDS = 100V, VGS = 0V
Tj = 25°C
VDS = 100V, VGS = 0V
VGS = 0V, ID = 1mA
Thermal resistance
Parameter
Symbol
Symbol
Conditions
Tsold
Thermal resistance, junction - ambient
*4
Soldering temperature, wavesoldering for 10s
RthJA
RthJC
Electrical characteristics(T
a = 25°C)
Parameter
Values
Unit
Min.
Typ.
Max.
-
2.5
°C/W
-
-
°C/W
92.6
-
°C
V
100
-
-
-
-
265
Unit
10
A
Tj = 125°C
V
Gate threshold voltage
VGS (th)
VDS = 10V, ID = 1mA
1.0
-
2.5
Gate - Source leakage current
IGSS
VGS = 20V, VDS = 0V
--
A
m
S
Static drain - source
on - state resistance
VGS = 10V, ID = 40A
-19
27
-42
gfs
VGS = 4.0V, ID = 40A
60
RDS(on)
*5
Forward transfer admittance
VDS = 10V, ID = 40A
23
VGS = 10V, ID = 40A
Tj = 125°C
-
-21
30
56
2/12
2016.04 - Rev.A


Similar Part No. - RSJ400N10FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSJ400N10 ROHM-RSJ400N10 Datasheet
1Mb / 16P
   Nch 100V 40A Power MOSFET
More results

Similar Description - RSJ400N10FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSJ400N10 ROHM-RSJ400N10 Datasheet
1Mb / 16P
   Nch 100V 40A Power MOSFET
RH6P040BH ROHM-RH6P040BH Datasheet
2Mb / 10P
   Nch 100V 40A Power MOSFET
20220531 - Rev.002
SH8KE7 ROHM-SH8KE7 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230209 - Rev.002
HP8KE7 ROHM-HP8KE7 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230328 - Rev.001
SH8KE6 ROHM-SH8KE6 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20220324 - Rev.002
HP8KE6 ROHM-HP8KE6 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230426 - Rev.002
HT8KE5 ROHM-HT8KE5 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230302 - Rev.002
HT8KE6 ROHM-HT8KE6 Datasheet
2Mb / 14P
   100V NchNch Power MOSFET
20230328 - Rev.001
SP8K52FRA ROHM-SP8K52FRA Datasheet
2Mb / 14P
   100V NchNch Middle Power MOSFET
RS1E150GN ROHM-RS1E150GN Datasheet
2Mb / 13P
   Nch 30V 40A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com