Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSJ400N06FRA Datasheet(PDF) 1 Page - Rohm

Part # RSJ400N06FRA
Description  10V Drive Nch MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSJ400N06FRA Datasheet(HTML) 1 Page - Rohm

  RSJ400N06FRA Datasheet HTML 1Page - Rohm RSJ400N06FRA Datasheet HTML 2Page - Rohm RSJ400N06FRA Datasheet HTML 3Page - Rohm RSJ400N06FRA Datasheet HTML 4Page - Rohm RSJ400N06FRA Datasheet HTML 5Page - Rohm RSJ400N06FRA Datasheet HTML 6Page - Rohm RSJ400N06FRA Datasheet HTML 7Page - Rohm RSJ400N06FRA Datasheet HTML 8Page - Rohm RSJ400N06FRA Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
10V Drive Nch MOSFET
RSJ400N06
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) Low on-resistance.
2) High current
3) High power Package
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
TL
Basic ordering unit (pieces)
1000
RSJ400N06
Absolute maximum ratings (Ta = 25°C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
60
V
Gate-source voltage
VGSS
20
V
Continuous
ID
40
A
Pulsed
IDP
80
A
Continuous
IS
40
A
Pulsed
ISP
80
A
Power dissipation
PD
50
W
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55to150
C
*1 Pw10s, Duty cycle1%
*2 Tc=25C
Thermal resistance
Symbol
Limits
Unit
Channel to Case
Rth (ch-c)
2.5
C / W
* Tc=25C
Parameter
Type
Source current
(Body Diode)
Drain current
Parameter
*2
*1
*1
*
LPTS
10.1
4.5
0.78
2.54
5.08
1.24
0.4
1.3
2.7
(1)
(2)
(3)
(1) Gate
(2) Drain
(3) Source
1 ESD PROTECTION DIODE
2 BODY DIODE
∗2
∗1
(1)
(2)
(3)
1/5
2011.09 - Rev.A
RSJ400N06FRA
RSJ400N06FRA
AEC-Q101 Qualified


Similar Part No. - RSJ400N06FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSJ400N06 ROHM-RSJ400N06 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
More results

Similar Description - RSJ400N06FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
R5007ANX ROHM-R5007ANX Datasheet
287Kb / 6P
   10V Drive Nch MOSFET
R5009ANX ROHM-R5009ANX Datasheet
274Kb / 6P
   10V Drive Nch MOSFET
R5013ANX ROHM-R5013ANX Datasheet
243Kb / 6P
   10V Drive Nch MOSFET
ZDX130N50 ROHM-ZDX130N50 Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5019ANJ ROHM-R5019ANJ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R6020FNX ROHM-R6020FNX Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCD040N25 ROHM-RCD040N25 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
RCX450N20 ROHM-RCX450N20 Datasheet
1Mb / 7P
   10V Drive Nch MOSFET
R6020ANZ ROHM-R6020ANZ Datasheet
1Mb / 6P
   10V Drive Nch MOSFET
R5011ANJ ROHM-R5011ANJ Datasheet
269Kb / 6P
   10V Drive Nch MOSFET
R5011ANX ROHM-R5011ANX Datasheet
237Kb / 6P
   10V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com