Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7544MX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7544MX
Description  Simple Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7544MX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7544MX Datasheet HTML 1Page - Fairchild Semiconductor FAN7544MX Datasheet HTML 2Page - Fairchild Semiconductor FAN7544MX Datasheet HTML 3Page - Fairchild Semiconductor FAN7544MX Datasheet HTML 4Page - Fairchild Semiconductor FAN7544MX Datasheet HTML 5Page - Fairchild Semiconductor FAN7544MX Datasheet HTML 6Page - Fairchild Semiconductor FAN7544MX Datasheet HTML 7Page - Fairchild Semiconductor FAN7544MX Datasheet HTML 8Page - Fairchild Semiconductor FAN7544MX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.0
Features
• Low Start-up and Operating Current : 140
µA, 6.5mA
• Under Voltage Lock Out With 1.9V of Hysteresis
• 600mA of Totem Pole Output with High State Clamp
• Trimmed 1.5% Internal Bandgap Reference
• Programmable Preheat Time & Frequency
• Programmable Run Frequency
• High Accuracy Oscillator
Descriptions
The FAN7544 provides simple and high performance elec-
tronic ballast control functions. The FAN7544 is optimized
for electronic ballast requiring a minimum board area, by
reducing component counts and lowering power dissipation.
The features include programmable preheating time and fre-
quency and programmable run frequency. The initial pre-
heating time and frequency can be adjusted according to the
types of lamps using the CPH, CT and RPH. Output gate
driver circuit clamps power MOSFET gate voltage to the
supply voltage.
Internal Block Diagram
FAN7544
Simple Ballast Controller
8-DIP
8-SOP
1
1
GND
Latch
1.9V
CPH
Vcc
RPH
RT
OUT1
UVLO
11.6V
1
3
6
4
7
Vcc
Vcc
Frequency
Divider
Q
2
5.2V
1.5V
Oscillator
6.25Ict
Ict
Irt=Vref/Rt
CT
OUT2
Iph=Vref/Rph
Current
Source
Current
Source
2.9V
2.9V
Irt
5V
Iph - Irt
1
2.1
5V
2V
Shutdown signal
+
Bias
Current
9V Vsup
TSD
+
VCPH
5V
8
Vz
5
R
Q
S
Q
R
S


Similar Part No. - FAN7544MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7547A FAIRCHILD-FAN7547A Datasheet
354Kb / 9P
   LCD Backlight Inverter Drive IC
FAN7547AM FAIRCHILD-FAN7547AM Datasheet
354Kb / 9P
   LCD Backlight Inverter Drive IC
FAN7547AMXC FAIRCHILD-FAN7547AMXC Datasheet
354Kb / 9P
   LCD Backlight Inverter Drive IC
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
   Dual LCD Back Light Inverter Drive IC
FAN7548G FAIRCHILD-FAN7548G Datasheet
1Mb / 12P
   Dual LCD Back Light Inverter Drive IC
More results

Similar Description - FAN7544MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com