Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD046P05FRA Datasheet(PDF) 9 Page - Rohm

Part # RSD046P05FRA
Description  Pch 45V 4.5A Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSD046P05FRA Datasheet(HTML) 9 Page - Rohm

Back Button RSD046P05FRA Datasheet HTML 5Page - Rohm RSD046P05FRA Datasheet HTML 6Page - Rohm RSD046P05FRA Datasheet HTML 7Page - Rohm RSD046P05FRA Datasheet HTML 8Page - Rohm RSD046P05FRA Datasheet HTML 9Page - Rohm RSD046P05FRA Datasheet HTML 10Page - Rohm RSD046P05FRA Datasheet HTML 11Page - Rohm RSD046P05FRA Datasheet HTML 12Page - Rohm RSD046P05FRA Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSD046P05FRA
Electrical characteristic curves
1
10
100
1000
10000
0.01
0.1
1
10
100
C
oss
C
rss
C
iss
T
a = 25ºC
f = 1MHz
V
GS = 0V
1
10
100
1000
0.01
0.1
1
10
100
t
r
t
f
t
d(on)
t
d(off)
T
a=25ºC
V
DD = 25V
V
GS = 10V
R
G=10
0
5
10
05
10
T
a=25ºC
V
DD = 25V
I
D = 4.5A
R
G=10
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
T
a=125ºC
T
a=75ºC
T
a=25ºC
T
a= 25ºC
V
GS=0V
Fig.19 Typical Capacitance
vs. Drain - Source Voltage
Drain - Source Voltage : -V
DS [V]
Fig.21 Dynamic Input Characteristics
Total Gate Charge : Q
g [nC]
Fig.20 Switching Characteristics
Drain Current : -I
D [A]
Fig.22 Source Current
vs. Source - Drain Voltage
Source-Drain Voltage : -V
SD [V]
9/12
2015.11 - Rev.C


Similar Part No. - RSD046P05FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSD046P05 ROHM-RSD046P05 Datasheet
722Kb / 13P
   Pch 45V 4.5A Power MOSFET
More results

Similar Description - RSD046P05FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RD3H045SP ROHM-RD3H045SP Datasheet
2Mb / 16P
   Pch -45V -4.5A Power MOSFET
RD3H045SPFRA ROHM-RD3H045SPFRA Datasheet
2Mb / 15P
   Pch -45V -4.5A Power MOSFET
RSD046P05 ROHM-RSD046P05 Datasheet
722Kb / 13P
   Pch 45V 4.5A Power MOSFET
RRQ045P03FRA ROHM-RRQ045P03FRA Datasheet
777Kb / 14P
   Pch -30V -4.5A Power MOSFET
RW4C045BC ROHM-RW4C045BC Datasheet
2Mb / 14P
   Pch -20V -4.5A Power MOSFET
20190610 - Rev.002
RW4E045AT ROHM-RW4E045AT Datasheet
2Mb / 14P
   Pch -30V -4.5A Power MOSFET
20200227 - Rev.001
RSS060P05HZG ROHM-RSS060P05HZG Datasheet
2Mb / 14P
   Pch -45V -6A Power MOSFET
RD3H080SPFRA ROHM-RD3H080SPFRA Datasheet
2Mb / 15P
   Pch -45V -8A Power MOSFET
RD3H160SP ROHM-RD3H160SP Datasheet
2Mb / 16P
   Pch -45V -16A Power MOSFET
RSR020P05TL ROHM-RSR020P05TL Datasheet
608Kb / 12P
   Pch -45V -2.0A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com