Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ1E050RPFRA Datasheet(PDF) 1 Page - Rohm

Part # RQ1E050RPFRA
Description  Middle Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ1E050RPFRA Datasheet(HTML) 1 Page - Rohm

  RQ1E050RPFRA Datasheet HTML 1Page - Rohm RQ1E050RPFRA Datasheet HTML 2Page - Rohm RQ1E050RPFRA Datasheet HTML 3Page - Rohm RQ1E050RPFRA Datasheet HTML 4Page - Rohm RQ1E050RPFRA Datasheet HTML 5Page - Rohm RQ1E050RPFRA Datasheet HTML 6Page - Rohm RQ1E050RPFRA Datasheet HTML 7Page - Rohm RQ1E050RPFRA Datasheet HTML 8Page - Rohm RQ1E050RPFRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
  
 


 !" #$"
%&
'
( 

$ )

"*! ! $
+",- !. /!$
"%-0 %-!/ 12 "$
3" 4 0/!25 6 %/!
    
7/
 1!2
%4
/
8 %%"

 
/%%"

 !2
, !2-! /"
/!2 

1!2
9

   :+ ;<"
%
7%4
-
9!
! - =2

<!!--! -!
'
(

-! -!
'>/-?
(+

. - =2
.
(+
/!

?+
$
)

?
$@
)
A-! !%/-
B
!202%/-
2
C
$%$ %
D+ 6<$>*$2=$
E
 !"
FRA
5) AEC-Q101 Qualified
20160610


Similar Part No. - RQ1E050RPFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1E050RP ROHM-RQ1E050RP Datasheet
394Kb / 6P
   4V Drive Pch MOSFET
RQ1E050RPHZG ROHM-RQ1E050RPHZG Datasheet
2Mb / 15P
   Pch -30V -5A Small Signal MOSFET
More results

Similar Description - RQ1E050RPFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8M51FRA ROHM-QS8M51FRA Datasheet
2Mb / 22P
   Middle Power MOSFET
QS8J4FRA ROHM-QS8J4FRA Datasheet
1Mb / 14P
   Middle Power MOSFET
RQ1C075UNFRA ROHM-RQ1C075UNFRA Datasheet
1Mb / 14P
   Middle Power MOSFET
RQ3E120BN ROHM-RQ3E120BN Datasheet
2Mb / 12P
   Nch 30V 12A Middle Power MOSFET
RTR030N05FRA ROHM-RTR030N05FRA Datasheet
2Mb / 14P
   Nch 45V 3A Middle Power MOSFET
RQ6E060AT ROHM-RQ6E060AT Datasheet
2Mb / 14P
   Pch -30V -6A Middle Power MOSFET
RQ6C065BC ROHM-RQ6C065BC Datasheet
2Mb / 15P
   Pch -20V -6.5A Middle Power MOSFET
RQ5E025AT ROHM-RQ5E025AT Datasheet
2Mb / 13P
   Pch -30V -2.5A Middle Power MOSFET
RF4E100AJ ROHM-RF4E100AJ Datasheet
2Mb / 15P
   Nch 30V 10A Middle Power MOSFET
HP8K22 ROHM-HP8K22 Datasheet
4Mb / 19P
   30V NchNch Middle Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com