Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ1A070ZPFRA Datasheet(PDF) 1 Page - Rohm

Part # RQ1A070ZPFRA
Description  Pch -12V -7A Small Signal MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ1A070ZPFRA Datasheet(HTML) 1 Page - Rohm

  RQ1A070ZPFRA Datasheet HTML 1Page - Rohm RQ1A070ZPFRA Datasheet HTML 2Page - Rohm RQ1A070ZPFRA Datasheet HTML 3Page - Rohm RQ1A070ZPFRA Datasheet HTML 4Page - Rohm RQ1A070ZPFRA Datasheet HTML 5Page - Rohm RQ1A070ZPFRA Datasheet HTML 6Page - Rohm RQ1A070ZPFRA Datasheet HTML 7Page - Rohm RQ1A070ZPFRA Datasheet HTML 8Page - Rohm RQ1A070ZPFRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RQ1A070ZPFRA
  Pch -12V -7A Small Signal MOSFET
  
Datasheet
l
lOutline
VDSS
-12V
 
RDS(on)(Max.)
12mΩ
TSMT8
ID
±7A
 
PD
1.5W
 
           
l
lInner circuit
l
lFeatures
1) Low on - resistance.
2) Small Surface Mount Package (TSMT8).
3) AEC-Q101 Qualified
l
lPackaging specifications
Type
Packing
Embossed
Tape
Reel size (mm)
180
l
lApplication
Tape width (mm)
8
Switching
Basic ordering unit (pcs)
3000
Taping code
TR
Marking
YJ
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
-12
V
Continuous drain current
ID
±7
A
Pulsed drain current
IDP*1
±28
A
Gate - Source voltage
VGSS
±10
V
Power dissipation
PD*2
1.5
W
PD*3
1.1
W
Junction temperature
Tj
150
Operating junction and storage temperature range
Tstg
-55 to +150
                                                                                         
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/11
20160930 - Rev.001
 
   
 


Similar Part No. - RQ1A070ZPFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1A070ZP ROHM-RQ1A070ZP Datasheet
234Kb / 5P
   1.5V Drive Pch MOSFET
RQ1A070ZPHZG ROHM-RQ1A070ZPHZG Datasheet
2Mb / 15P
   Pch -12V -7A Small Signal MOSFET
More results

Similar Description - RQ1A070ZPFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1A070ZPHZG ROHM-RQ1A070ZPHZG Datasheet
2Mb / 15P
   Pch -12V -7A Small Signal MOSFET
US6J12 ROHM-US6J12 Datasheet
1Mb / 14P
    -12V PchPch Small Signal MOSFET
20190527 - Rev.002
RQ1E070RPHZG ROHM-RQ1E070RPHZG Datasheet
2Mb / 15P
   Pch -30V -7A Small Signal MOSFET
RV5A040AP ROHM-RV5A040AP Datasheet
5Mb / 15P
   Pch -12V -4.0A Small Signal MOSFET
RQ6A045AP ROHM-RQ6A045AP Datasheet
1Mb / 14P
    Pch -12V -4.5A Small Signal MOSFET
20170915 - Rev.002
QH8JC5 ROHM-QH8JC5 Datasheet
2Mb / 14P
   -60V PchPch Small Signal MOSFET
QS8J4HZG ROHM-QS8J4HZG Datasheet
2Mb / 15P
   -30V Pch Pch Small Signal MOSFET
US6J41FRA ROHM-US6J41FRA Datasheet
1Mb / 14P
   -20V PchPch Small Signal MOSFET
20170706 - Rev.001
QH8JB5 ROHM-QH8JB5 Datasheet
2Mb / 14P
   -40V PchPch Small Signal MOSFET
RV2C014BC ROHM-RV2C014BC Datasheet
2Mb / 14P
   Pch -20V -1.4A Small Signal MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com