Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RHK005N03FRA Datasheet(PDF) 2 Page - Rohm

Part # RHK005N03FRA
Description  4V Drive Nch MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RHK005N03FRA Datasheet(HTML) 2 Page - Rohm

  RHK005N03FRA Datasheet HTML 1Page - Rohm RHK005N03FRA Datasheet HTML 2Page - Rohm RHK005N03FRA Datasheet HTML 3Page - Rohm RHK005N03FRA Datasheet HTML 4Page - Rohm RHK005N03FRA Datasheet HTML 5Page - Rohm RHK005N03FRA Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RHK005N03
Transistors
2/2
Electrical characteristics (Ta=25°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ. Max. Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Gate-source leakage
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
∗Pulsed
−±10
µAVGS= ±20V, VDS=0V
30
−−
VID= 1mA, VGS=0V
1
µAVDS= 30V, VGS=0V
1.0
2.5
V
VDS= 10V, ID= 1mA
350
550
ID= 500mA, VGS= 10V
510
720
mΩ
mΩ
ID= 500mA, VGS= 4.5V
600
840
mΩ ID= 500mA, VGS= 4V
0.5
−−
SVDS= 10V, ID= 500mA
45
pF
VDS= 10V
20
10
pF
VGS=0V
10
pF
f=1MHz
10
ns
15
ns
30
ns
−−
ns
VDD 15V
ID= 250mA
VGS= 10V
RL=60Ω
RG=10Ω
Body diode characteristics (Source-drain) (Ta=25°C)
VSD
−−
1.2
V
IS= 0.16A, VGS=0V
Forward voltage
Parameter
Symbol Min.
Typ. Max.
Unit
Conditions
RHK005N03FRA


Similar Part No. - RHK005N03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RHK005N03 ROHM-RHK005N03 Datasheet
56Kb / 3P
   4V Drive Nch MOS FET
logo
VBsemi Electronics Co.,...
RHK005N03T146 VBSEMI-RHK005N03T146 Datasheet
488Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - RHK005N03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SM6K2 ROHM-SM6K2_1 Datasheet
77Kb / 5P
   4V Drive NchNch MOS FET
US6K2 ROHM-US6K2 Datasheet
59Kb / 3P
   4V Drive NchNch MOS FET
RSS095N05 ROHM-RSS095N05 Datasheet
130Kb / 5P
   4V Drive Nch MOS FET
RHK003N06T146 ROHM-RHK003N06T146 Datasheet
61Kb / 3P
   4V Drive Nch MOS FET
2SK2503 ROHM-2SK2503_1 Datasheet
97Kb / 6P
   4V Drive Nch MOS FET
2SK2094 ROHM-2SK2094_1 Datasheet
95Kb / 5P
   4V Drive Nch MOS FET
RHK003N06FRA ROHM-RHK003N06FRA Datasheet
1Mb / 5P
   4V Drive Nch MOS FET
RHP030N03 ROHM-RHP030N03 Datasheet
56Kb / 3P
   4V Drive Nch MOS FET
RSR025N03TL ROHM-RSR025N03TL Datasheet
65Kb / 4P
   4V Drive Nch MOS FET
RSR020N06 ROHM-RSR020N06 Datasheet
199Kb / 4P
   4V Drive Nch MOS FET
RHK003N06 ROHM-RHK003N06 Datasheet
65Kb / 3P
   4V Drive Nch MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com