Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZY93C13R Datasheet(PDF) 2 Page - Littelfuse

Part # BZY93C13R
Description  BZY93 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

BZY93C13R Datasheet(HTML) 2 Page - Littelfuse

  BZY93C13R Datasheet HTML 1Page - Littelfuse BZY93C13R Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Zeners/Studs
325
www .littelfuse .com
7
Ptot
max
(W)
0
5.0
10
15
20
-50
0
0
50
100
1mb
Figure 1. Maximum total dissapation plotted against
mounting base temp
100
10
1
0.1
1
µs10µs
100
µ
1ms
10ms
Pulse Time (tp)
Exponential wave-form
Square wave-pulse
s
100ns
Figure 2. Non-repetitive peak pulse power rating curve
BZY93 Series
BZY93C7V5*
BZY93C8V2
BZY93C9V1*
BZY93C10
BZY93C11
BZY93C12*
BZY93C13*
BZY93C15
BZY93C16
BZY93C18*
BZY93C20
BZY93C22
BZY93C24
BZY93C27
BZY93C30*
BZY93C33
BZY93C36
BZY93C39
BZY93C43
BZY93C47
BZY93C51
BZY93C56*
BZY93C62
BZY93C68
BZY93C75*
BZY93C7V5R
BZY93C8V2R
BZY93C9V1R
BZY93C10R
BZY93C11R
BZY93C12R*
BZY93C13R*
BZY93C15R*
BZY93C16R
BZY93C18R*
BZY93C20R
BZY93C22R
BZY93C24R
BZY93C27R*
BZY93C30R
BZY93C33R
BZY93C36R*
BZY93C39R
BZY93C43R
BZY93C47R
BZY93C51R
BZY93C56R
BZY93C62R
BZY93C68R*
BZY93C75R
7.0
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.7
25.1
28.0
31.0
34.0
37.0
40.0
44.0
48.0
52.0
58.0
64.0
70.0
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.2
23.3
25.9
28.9
32.0
35.0
38.0
41.0
46.0
50.0
54.0
60.0
66.0
72.0
79.0
2.0
2.0
1.0
1.0
1.0
1.0
1.0
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.04
0.05
0.07
0.09
0.08
0.08
0.08
0.10
0.18
0.20
0.20
0.21
0.22
0.25
0.30
0.75
0.85
0.90
1.00
1.00
1.20
1.30
1.50
1.80
2.00
MIN
MAX
(Volts)
0.3
0.3
0.5
0.5
1.0
1.0
1.0
1.2
1.2
1.5
1.5
1.8
2.0
2.0
2.5
4.0
5.0
6.5
7.0
7.5
8.0
9.0
10.0
11.0
15.0
0.10
0.10
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
Max
Typ
(mA)
* Preferred voltages.
Zener
Resistance
RZ (
Ω) @ IZ
IZ
Stud
Cathode
Part Number
Zener Voltage
VZ (Volts) @ IZ
Stud
Anode
Part Number
Maximum Reverse
Leakage IR @ VR
(A)
ELECTRICAL SPECIFICATION @ Tamb 25°C


Similar Part No. - BZY93C13R

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
BZY93C13R NAINA-BZY93C13R Datasheet
119Kb / 2P
   Zener Diodes (Studs)
logo
New Jersey Semi-Conduct...
BZY93C13R NJSEMI-BZY93C13R Datasheet
103Kb / 1P
   Voltage Range 7.5 -75 Volts
More results

Similar Description - BZY93C13R

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com