Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3813I50DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3813I50DBVT
Description  Family Processor Supervisory Circuits With Window-Watchdog
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3813I50DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3813I50DBVT Datasheet HTML 6Page - Texas Instruments TPS3813I50DBVT Datasheet HTML 7Page - Texas Instruments TPS3813I50DBVT Datasheet HTML 8Page - Texas Instruments TPS3813I50DBVT Datasheet HTML 9Page - Texas Instruments TPS3813I50DBVT Datasheet HTML 10Page - Texas Instruments TPS3813I50DBVT Datasheet HTML 11Page - Texas Instruments TPS3813I50DBVT Datasheet HTML 12Page - Texas Instruments TPS3813I50DBVT Datasheet HTML 13Page - Texas Instruments TPS3813I50DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
TPS3813J25, TPS3813L30, TPS3813K33, TPS3813I50
SLVS331H – DECEMBER 2000 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS3813J25 TPS3813L30 TPS3813K33 TPS3813I50
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.1 User-Programmable Watchdog Timer (WDI)
The TPS3813xxx family of devices have a watchdog timer that must be periodically triggered by either a positive
or negative transition at the WDI pin to avoid a reset signal being issued. When the supervising system fails to
retrigger the watchdog circuit within the time-out interval, tt(out), RESET becomes asserts for the time period td.
This event also reinitializes the watchdog timer. After the reset of the supervisor is released, the lower boundary
of the first WDI window is disabled. After the first WDI low-to-high transition is detected, the lower boundary
function of the window is enabled. All further WDI pulses must fit into the configured window frame.
Both the upper and lower boundary of the window can be adjusted by the user. See Programming for more
details on how to set the upper and lower boundaries of the window.
8.3.2 RESET Output
RESET remains high (deasserted) as long as VDD is above the threshold voltage (VIT) and the user-programable
watchdog timer criteria are met. If VDD falls below the VIT or if WDI is not triggered within the appropriate window,
then RESET is asserted, driving the RESET pin to a low impedance.
When VDD is once again above VIT, a delay circuit is enabled that holds RESET low for a specified reset delay
period (td) which is 25 ms typical. When the reset delay has elapsed, the RESET pin goes to a high-impedance
state and uses a pullup resistor to hold RESET high. Connect the pullup resistor to the proper voltage rail to
enable the outputs to be connected to other devices at the correct interface voltage level. RESET can be pulled
up to any voltage up to 6 V, independent of the device supply voltage. To ensure proper voltage levels, give
some consideration when choosing the pullup resistor value and consider the required low-level output voltage
(VOL), the output capacitive loading, and the output leakage current.
8.4 Device Functional Modes
Table 1 summarizes the various functional modes of the device.
Table 1. TPS3813xxx Function/Truth Table
VDD
WDI
RESET
VDD < VPOR
Undefined
VPOR < VDD < VIT
L
VDD > VIT
Outside window
L
VDD > VIT
Inside window
H
8.4.1 Normal Operation (VDD > VIT)
When VDD is greater than VIT, the RESET signal is determined by the last WDI pulse.
WDI pulse inside window: as long as pulses occur within the user-programmable window, the RESET signal
remains high.
WDI pulse outside window: if a pulse occurs outside the user-programmable window or not at all, the RESET
signal goes low.
8.4.2 Above Power-On Reset But Less Than Threshold (VPOR < VDD < VIT)
When the voltage on VDD is less than the VIT voltage, and greater than the power-on reset voltage (VPOR), the
RESET signal is asserted regardless of the WDI signal.
8.4.3 Below Power-On Reset (VDD < VPOR)
When the voltage on VDD is lower than VPOR, the device does not have enough voltage to internally pull the
asserted output low, and RESET is undefined and must not be relied upon for proper device function.


Similar Part No. - TPS3813I50DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813I50DBVT TI-TPS3813I50DBVT Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813I50DBVTG4 TI-TPS3813I50DBVTG4 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results

Similar Description - TPS3813I50DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-Q1 TI1-TPS3813K33-Q1 Datasheet
879Kb / 21P
[Old version datasheet]   Processor Supervisory Circuits With Window-Watchdog
TPS3813I50-Q1 TI1-TPS3813I50-Q1 Datasheet
301Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813J25 TI-TPS3813J25_07 Datasheet
385Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
logo
Analog Devices
ADM6316DZ26ARJZ-R7 AD-ADM6316DZ26ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
ADM6316CY29ARJZ-R7 AD-ADM6316CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog
Rev. F
logo
Maxim Integrated Produc...
MAX16136 MAXIM-MAX16136 Datasheet
363Kb / 15P
   High-Precision Supervisory ICs with Window Watchdog and Overvoltage Indicator
2021
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com