Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EXB28V Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # EXB28V
Description  Chip Resistor Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

EXB28V Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  EXB28V Datasheet HTML 1Page - Nais(Matsushita Electric Works) EXB28V Datasheet HTML 2Page - Nais(Matsushita Electric Works) EXB28V Datasheet HTML 3Page - Nais(Matsushita Electric Works) EXB28V Datasheet HTML 4Page - Nais(Matsushita Electric Works) EXB28V Datasheet HTML 5Page - Nais(Matsushita Electric Works) EXB28V Datasheet HTML 6Page - Nais(Matsushita Electric Works) EXB28V Datasheet HTML 7Page - Nais(Matsushita Electric Works) EXB28V Datasheet HTML 8Page - Nais(Matsushita Electric Works) EXB28V Datasheet HTML 9Page - Nais(Matsushita Electric Works) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Subject
Chip Resistor Array PRODUCT SPECIFICATION FOR INFORMATION
Spec. No.
151-EXB-28V02DE
Part No.
EXB28V
EXB28V
EXB28V
EXB28V
9999----2222
MATSUSHITA ELECTRONIC COMPONENTS Co.,LTD.
Item
Rated Value
Explanation
Maximum
overload voltage
Voltage should be 2.5
× E. When the voltage exceeds the maximum
overload voltage, the value shown below should be the maximum
overload voltage.
Maximum overload voltage: 100V
Chip jumper: Max. overload current 2A
Resistance
tolerance
Range
of
rated
resistance
for
manufacture
4. Explanation of part number
E
X
B
2
8
V
102J
X
Thick Film
Resistor Networks
Chip
Resistor
Array
Isolated
Circuit
Rated Resistance Tolerance
Packaging
Number of terminals
R
000
Chip Jumper
5. Appearance & Construction
Item
Specifications
Explanation
Appearance &
Construction
1. The resistive element should be covered with protective coating
that do not fade easily. The surface of coating should avoid
unevenness, flaw, pinhole and discoloration.
2. The electrode should be printed uniformly, as shown in the
dimensions. The plating should not fade easily, and should avoid
unevenness, flaw, pinhole, projection and discoloration.
3. The electrode should be connected electrically, mechanically to
resistive element.
4. Substrate should not have chipping, flaw, flash and crack. Details
of appearance criteria shall be as described in attached sheet
sign
Tolerance for resistance
J
±5%
0Chip Jumper
Part No.
28V
Circuit
12
34
87
65
Packaging
Code
Standard Taping
(2mm pitch, 10,000pcs/reel)
X
Tolerance
Resistance range
Series
J1.0
Ω to 1.0 MΩ
E-24


Similar Part No. - EXB28V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXB28V PANASONIC-EXB28V Datasheet
166Kb / 6P
   Chip Resistor Array
EXB28V PANASONIC-EXB28V Datasheet
117Kb / 3P
   Chip Resistor Array
EXB28V PANASONIC-EXB28V Datasheet
109Kb / 3P
   Chip Resistor Array
EXB28V PANASONIC-EXB28V Datasheet
117Kb / 3P
   Chip Resistor Array
EXB28V PANASONIC-EXB28V Datasheet
117Kb / 3P
   Chip Resistor Array
More results

Similar Description - EXB28V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EXBV8V473JV PANASONIC-EXBV8V473JV Datasheet
117Kb / 3P
   Chip Resistor Array
logo
Bourns Electronic Solut...
CAY10 BOURNS-CAY10_08 Datasheet
394Kb / 3P
   Chip Resistor Array
CAY10 BOURNS-CAY10 Datasheet
228Kb / 1P
   Chip Resistor Array
logo
List of Unclassifed Man...
RA1632 ETC-RA1632 Datasheet
93Kb / 2P
   CHIP RESISTOR ARRAY
logo
Panasonic Semiconductor
EXB-28V470JX PANASONIC-EXB-28V470JX Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-38V152JV PANASONIC-EXB-38V152JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-2HV151JV PANASONIC-EXB-2HV151JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB14V PANASONIC-EXB14V_10 Datasheet
117Kb / 3P
   Chip Resistor Array
EXB-38V183JV PANASONIC-EXB-38V183JV Datasheet
109Kb / 3P
   Chip Resistor Array
EXB-V8V330JV PANASONIC-EXB-V8V330JV Datasheet
109Kb / 3P
   Chip Resistor Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com