Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM35C Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM35C
Description  Precision Centigrade Temperature Sensors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM35C Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM35C Datasheet HTML 2Page - National Semiconductor (TI) LM35C Datasheet HTML 3Page - National Semiconductor (TI) LM35C Datasheet HTML 4Page - National Semiconductor (TI) LM35C Datasheet HTML 5Page - National Semiconductor (TI) LM35C Datasheet HTML 6Page - National Semiconductor (TI) LM35C Datasheet HTML 7Page - National Semiconductor (TI) LM35C Datasheet HTML 8Page - National Semiconductor (TI) LM35C Datasheet HTML 9Page - National Semiconductor (TI) LM35C Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Performance Characteristics (Continued)
Applications
The LM35 can be applied easily in the same way as other
integrated-circuit temperature sensors. It can be glued or
cemented to a surface and its temperature will be within
about 0.01˚C of the surface temperature.
This presumes that the ambient air temperature is almost the
same as the surface temperature; if the air temperature were
much higher or lower than the surface temperature, the
actual temperature of the LM35 die would be at an interme-
diate temperature between the surface temperature and the
air temperature. This is expecially true for the TO-92 plastic
package, where the copper leads are the principal thermal
path to carry heat into the device, so its temperature might
be closer to the air temperature than to the surface tempera-
ture.
To minimize this problem, be sure that the wiring to the
LM35, as it leaves the device, is held at the same tempera-
ture as the surface of interest. The easiest way to do this is
to cover up these wires with a bead of epoxy which will
insure that the leads and wires are all at the same tempera-
ture as the surface, and that the LM35 die’s temperature will
not be affected by the air temperature.
The TO-46 metal package can also be soldered to a metal
surface or pipe without damage. Of course, in that case the
V− terminal of the circuit will be grounded to that metal.
Alternatively, the LM35 can be mounted inside a sealed-end
metal tube, and can then be dipped into a bath or screwed
into a threaded hole in a tank. As with any IC, the LM35 and
accompanying wiring and circuits must be kept insulated and
dry, to avoid leakage and corrosion. This is especially true if
the circuit may operate at cold temperatures where conden-
sation can occur. Printed-circuit coatings and varnishes such
as Humiseal and epoxy paints or dips are often used to
insure that moisture cannot corrode the LM35 or its connec-
tions.
These
devices
are
sometimes
soldered
to
a
small
light-weight heat fin, to decrease the thermal time constant
and speed up the response in slowly-moving air. On the
other hand, a small thermal mass may be added to the
sensor, to give the steadiest reading despite small deviations
in the air temperature.
Temperature Rise of LM35 Due To Self-heating (Thermal Resistance,
θ
JA)
TO-46,
TO-46*,
TO-92,
TO-92**,
SO-8
SO-8**
TO-220
no heat
sink
small heat fin
no heat
sink
small heat fin
no heat
sink
small heat fin
no heat
sink
Still air
400˚C/W
100˚C/W
180˚C/W
140˚C/W
220˚C/W
110˚C/W
90˚C/W
Moving air
100˚C/W
40˚C/W
90˚C/W
70˚C/W
105˚C/W
90˚C/W
26˚C/W
Still oil
100˚C/W
40˚C/W
90˚C/W
70˚C/W
Stirred oil
50˚C/W
30˚C/W
45˚C/W
40˚C/W
(Clamped to metal,
Infinite heat sink)
(24˚C/W)
(55˚C/W)
*Wakefield type 201, or 1" disc of 0.020" sheet brass, soldered to case, or similar.
**TO-92 and SO-8 packages glued and leads soldered to 1" square of 1/16" printed circuit board with 2 oz. foil or similar.
Noise Voltage
DS005516-34
Start-Up Response
DS005516-35
www.national.com
6


Similar Part No. - LM35C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35C NSC-LM35C Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
LM35CA NSC-LM35CA Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
LM35CAH NSC-LM35CAH Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35CAH TI1-LM35CAH Datasheet
1Mb / 25P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35CAH TI1-LM35CAH Datasheet
1Mb / 29P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
More results

Similar Description - LM35C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM35 NSC-LM35 Datasheet
306Kb / 13P
   Precision Centigrade Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
   Precision Centigrade Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
   Precision Centigrade Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Centigrade Temperature Sensors
LM35DZ_NOPB TI1-LM35DZ_NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35 TI-LM35_15 Datasheet
2Mb / 32P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35 TI1-LM35 Datasheet
348Kb / 15P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
LM35CZ TI1-LM35CZ Datasheet
1Mb / 29P
[Old version datasheet]   LM35 Precision Centigrade Temperature Sensors
logo
National Semiconductor ...
LM45B NSC-LM45B Datasheet
195Kb / 8P
   SOT-23 Precision Centigrade Temperature Sensors
LM45 NSC-LM45_05 Datasheet
650Kb / 11P
   SOT-23 Precision Centigrade Temperature Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com