Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFH120 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # CFH120
Description  Preliminary Datasheet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFH120 Datasheet(HTML) 2 Page - Infineon Technologies AG

  CFH120 Datasheet HTML 1Page - Infineon Technologies AG CFH120 Datasheet HTML 2Page - Infineon Technologies AG CFH120 Datasheet HTML 3Page - Infineon Technologies AG CFH120 Datasheet HTML 4Page - Infineon Technologies AG CFH120 Datasheet HTML 5Page - Infineon Technologies AG CFH120 Datasheet HTML 6Page - Infineon Technologies AG CFH120 Datasheet HTML 7Page - Infineon Technologies AG CFH120 Datasheet HTML 8Page - Infineon Technologies AG CFH120 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
GaAs HEMT
CFH120
________________________________________________________________________________________________________
Infineon Technologies AG
page 2/20
Wireless Solutions
Rev. 3.0/January 11
th, 2002
WS TI DS 12
Electrical Characteristics
unless otherwise specified:
Ta = 25°C;
VDD= 2V,
fRF = 12.0GHz;
ZS=
Γ
opt, ZL = S22*;
Characteristics
Symbol
min
typ
max
Unit
Drain-source saturation current
VDS = 2 V
VGS = 0 V
IDSS
0
15
35
mA
Pinch-off voltage
VDS = 2 V
ID = 120 µA
VGS(P)
-0.9
-0.5
0.0
V
Gate leakage current
VDS = 2 V
ID = 10 mA
IG
-
0.05
2
µA
Transconductance
VDS = 2 V
ID = 10 mA
gm
-
60
-
mS
Noise figure*
VDS = 2 V
ID = 10 mA
f = 12 GHz
CFH120-06
CFH120-08
CFH120-10
F
-
-
-
0.50
0.65
0.85
0.60
0.80
1.0
dB
Associated gain*
VDS = 2 V
ID = 10 mA
f = 12 GHz
CFH120-06
CFH120-08
CFH120-10
Ga
11.5
11.5
10.5
12.5
12.0
11.0
-
-
-
dB
* IMPORTANT NOTE:
During production, the DC and RF parameters of all devices are tested according to the specification
table above.


Similar Part No. - CFH120

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
More results

Similar Description - CFH120

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4150L SIGE-SE4150L Datasheet
90Kb / 2P
   GPS Receiver IC Preliminary Datasheet
logo
Infineon Technologies A...
DDB6U50N16W1R INFINEON-DDB6U50N16W1R Datasheet
420Kb / 13P
   Preliminary datasheet EasyBRIDGE module with chopper configuration
0.10 2021-07-30
logo
Source Photonics, Inc.
SPS-43-48H-HP-CDE SOURCE-SPS-43-48H-HP-CDE Datasheet
495Kb / 9P
   1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
logo
Sensirion AG Switzerlan...
SFM6000D SENSIRION-SFM6000D Datasheet
1Mb / 12P
   Preliminary Datasheet SFC6000D Mass Flow Controller and SFM6000D Flow Meter
Jan 2023 - v. 0.1
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
logo
Infineon Technologies A...
DDB6U50N16W1RP INFINEON-DDB6U50N16W1RP Datasheet
477Kb / 15P
   Preliminary datasheet EasyBRIDGE module with chopper configuration and pre-applied Thermal Interface Material
0.10 2021-07-28
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com