Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFH120 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # CFH120
Description  Preliminary Datasheet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFH120 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button CFH120 Datasheet HTML 2Page - Infineon Technologies AG CFH120 Datasheet HTML 3Page - Infineon Technologies AG CFH120 Datasheet HTML 4Page - Infineon Technologies AG CFH120 Datasheet HTML 5Page - Infineon Technologies AG CFH120 Datasheet HTML 6Page - Infineon Technologies AG CFH120 Datasheet HTML 7Page - Infineon Technologies AG CFH120 Datasheet HTML 8Page - Infineon Technologies AG CFH120 Datasheet HTML 9Page - Infineon Technologies AG CFH120 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
GaAs HEMT
CFH120
________________________________________________________________________________________________________
Infineon Technologies AG
page 6/20
Wireless Solutions
Rev. 3.0/January 11
th, 2002
WS TI DS 12
Typical Measured Data CFH120-06
Common Source S – Parameters (VDD=2V, ID=10mA, Z0=50
Ω)
Freq
[GHz]
Mag
Phase
Mag
Phase
Mag
Phase
Mag
Phase
1.0
0.981
-21.3
5.529
160.3
0.028
75.8
0.666
-15.8
1.5
0.966
-27.8
5.439
153.8
0.035
68.8
0.654
-21.1
2.0
0.950
-37.2
5.394
145.0
0.045
62.0
0.639
-28.9
2.5
0.935
-46.5
5.363
136.4
0.055
54.8
0.622
-36.4
3.0
0.912
-56.0
5.318
127.7
0.066
48.4
0.600
-44.0
3.5
0.891
-66.1
5.289
118.7
0.075
42.1
0.575
-51.5
4.0
0.864
-76.5
5.233
109.6
0.084
35.5
0.548
-59.4
4.5
0.835
-86.3
5.135
101.0
0.092
28.7
0.520
-67.3
5.0
0.806
-96.0
5.055
92.6
0.100
22.0
0.492
-75.3
5.5
0.775
-106.0
4.971
84.0
0.107
15.4
0.460
-83.5
6.0
0.744
-116.7
4.926
75.3
0.112
8.7
0.424
-92.6
6.5
0.709
-128.3
4.838
66.3
0.117
2.6
0.388
-102.7
7.0
0.676
-140.8
4.714
57.3
0.121
-3.8
0.350
-113.8
7.5
0.647
-153.3
4.541
48.3
0.123
-10.3
0.314
-125.5
8.0
0.625
-165.5
4.385
39.8
0.125
-16.7
0.281
-138.2
8.5
0.607
-177.9
4.245
31.1
0.125
-23.0
0.253
-152.0
9.0
0.593
169.4
4.120
22.2
0.125
-29.1
0.233
-166.9
9.5
0.583
156.7
3.949
13.7
0.124
-34.6
0.222
176.9
10.0
0.577
144.6
3.765
5.5
0.123
-40.1
0.221
160.2
10.5
0.579
133.1
3.594
-2.3
0.121
-45.2
0.226
144.4
11.0
0.590
122.2
3.445
-10.1
0.117
-50.5
0.238
128.9
11.5
0.605
111.9
3.297
-18.1
0.113
-55.6
0.258
115.4
12.0
0.620
102.4
3.135
-25.8
0.109
-59.7
0.287
104.7
12.5
0.630
94.3
2.949
-32.8
0.104
-63.2
0.316
97.3
13.0
0.634
87.5
2.782
-39.0
0.102
-66.7
0.340
91.7
13.5
0.640
81.2
2.665
-45.2
0.100
-70.3
0.356
86.2
14.0
0.652
74.4
2.582
-51.6
0.096
-73.7
0.370
80.0
14.5
0.672
66.6
2.494
-58.8
0.093
-76.5
0.388
73.4
15.0
0.691
58.4
2.382
-66.4
0.089
-79.6
0.416
66.6
15.5
0.703
51.3
2.235
-73.4
0.087
-83.5
0.452
60.2
16.0
0.711
45.8
2.085
-79.6
0.083
-87.4
0.484
54.6
16.5
0.723
42.1
1.972
-84.6
0.079
-90.0
0.504
50.1
17.0
0.745
39.0
1.918
-89.7
0.075
-92.0
0.512
46.5
17.5
0.768
34.6
1.880
-95.6
0.072
-93.2
0.523
42.8
18.0
0.783
31.0
1.861
-100.4
0.071
-94.1
0.537
39.9
S11
S21
S12
S22


Similar Part No. - CFH120

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
More results

Similar Description - CFH120

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4150L SIGE-SE4150L Datasheet
90Kb / 2P
   GPS Receiver IC Preliminary Datasheet
logo
Infineon Technologies A...
DDB6U50N16W1R INFINEON-DDB6U50N16W1R Datasheet
420Kb / 13P
   Preliminary datasheet EasyBRIDGE module with chopper configuration
0.10 2021-07-30
logo
Source Photonics, Inc.
SPS-43-48H-HP-CDE SOURCE-SPS-43-48H-HP-CDE Datasheet
495Kb / 9P
   1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
logo
Sensirion AG Switzerlan...
SFM6000D SENSIRION-SFM6000D Datasheet
1Mb / 12P
   Preliminary Datasheet SFC6000D Mass Flow Controller and SFM6000D Flow Meter
Jan 2023 - v. 0.1
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
logo
Infineon Technologies A...
DDB6U50N16W1RP INFINEON-DDB6U50N16W1RP Datasheet
477Kb / 15P
   Preliminary datasheet EasyBRIDGE module with chopper configuration and pre-applied Thermal Interface Material
0.10 2021-07-28
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com