Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP37220-200 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP37220-200
Description  Output Data Format
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37220-200 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP37220-200 Datasheet HTML 4Page - Microchip Technology MCP37220-200 Datasheet HTML 5Page - Microchip Technology MCP37220-200 Datasheet HTML 6Page - Microchip Technology MCP37220-200 Datasheet HTML 7Page - Microchip Technology MCP37220-200 Datasheet HTML 8Page - Microchip Technology MCP37220-200 Datasheet HTML 9Page - Microchip Technology MCP37220-200 Datasheet HTML 10Page - Microchip Technology MCP37220-200 Datasheet HTML 11Page - Microchip Technology MCP37220-200 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
MCP37210-200 AND MCP37D10-200
DS20005395B-page 8
 2015-2016 Microchip Technology Inc.
Notes:
1.
These pins are for the internal reference voltage output. They should not be driven. External decoupling circuit
is required. See Section 4.3.3 “Decoupling Circuits for Internal Voltage Reference and Bandgap Output”
for details.
2.
When VCM output is used for the common-mode voltage of analog inputs (i.e. by connecting to the center-tap of
a balun), VCM pin should be decoupled with a 0.1 µF capacitor.
3.
ADR1 (for A1 bit) is internally bonded to GND (‘0’). If ADR0 is dynamically controlled, ADR0 must be held
constant while CS is “Low”.
4.
The device is in Reset mode while this pin stays “Low”. On the rising edge of RESET, the device exits the Reset
mode, initializes all internal user registers to default values and begins power-up calibration.
5.
CAL pin stays “Low” at power-up until the first power-up calibration is completed. When the first calibration has
completed, this pin has “High” output. It stays “High” until the internal calibration is restarted by hardware or a
Soft Reset command. In Reset mode, this pin is “Low”. In Standby and Shutdown modes, this pin will maintain
the prior condition.
6.
The phase of DCLK relative to the data output bits may be adjusted depending on the operating mode. This is
controlled differently depending on the configuration of the digital signal post-processing (DSPP) and PLL (or
DLL). See also Addresses 0x52, 0x64 and 0x6D (Registers 5-7, 5-22 and 5-28) for more details.
7.
DDR LVDS: Two data bits are multiplexed onto each differential output pair. The output pins shown here are for
“Even bit first”, which is the default setting of OUTPUT_MODE<1:0> in Address 0x62 (Register 5-20). The even
data bits (Q0, Q2, Q4, Q6, Q8, Q10) appear when DCLK+ is “High”. The odd data bits (Q1, Q3, Q5, Q7, Q9, Q11)
appear when DCLK+ is “Low”. See Addresses 0x65 (Register 5-23) and 0x68 (Register 5-26) for output polarity
control. See Figure 2-2 for LVDS output timing diagrams.
8.
OVR: OVR will be held “High”’ when analog input overrange is detected. Digital signal post-processing (DSPP)
will cause OVR to assert early relative to the output data. See Figure 2-2 for LVDS timing of these bits.
WCK: Available for the I/Q output mode only in the MCP37D10. WCK is normally “Low” in I/Q output mode, and
“High” when it outputs in-phase (I) data.
(a) MCP37210 and MCP37D10 operating outside I/Q output mode: WCK/OVR+ is OVR, and WCK/OVR- is
logic ‘0’ (not used). In DDR LVDS output mode, the rising edge of DCLK+ is OVR.
(b) I/Q output mode in MCP37D10: In CMOS output mode, WCK/OVR+ is OVR and WCK/OVR- is WCK. WCK
is synchronized to in-phase (I) data. In DDR LVDS output mode, WCK/OVR+ and WCK/OVR- are multiplexed.
The rising edge of DCLK+ is OVR and the falling edge is WCK.
9.
This pin function is not released yet.
Pins that need to be grounded
A24, A64,
B20, B54
GND
These pins are not supply pins, but need to be tied to ground.
Output Test Pins
A28 - A29, A31,
B23, B25, B26
TP
Digital
Output
Output test pins. Do not use. Always leave these pins floating. Do not
tie to ground or supply.
TABLE 1-1:
PIN FUNCTION TABLE FOR VTLA-124 (CONTINUED)
Pin No.
Name
I/O Type
Description


Similar Part No. - MCP37220-200

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP37221-200 MICROCHIP-MCP37221-200 Datasheet
2Mb / 142P
   Power-Saving Modes
06/23/16
More results

Similar Description - MCP37220-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
   TTL interface RS232 data format
logo
Exar Corporation
XRT75R03D EXAR-XRT75R03D_06 Datasheet
850Kb / 135P
   EXAR DATA SHEET FORMAT TEMPLATES
logo
WAGO Kontakttechnik Gmb...
750-554-000-200 WAGO-750-554-000-200 Datasheet
572Kb / 12P
   2-channel analog output; 4 ??20 mA; S5 PLC data format
750-550-000-200 WAGO-750-550-000-200 Datasheet
448Kb / 12P
   2-channel analog output; 0 ... 10 VDC; S5 PLC data format
750-552-000-200 WAGO-750-552-000-200 Datasheet
544Kb / 12P
   2-channel analog output; 0 ??20 mA; S5 PLC data format
logo
List of Unclassifed Man...
R2705E ETC2-R2705E Datasheet
49Kb / 3P
   27.195MHz FSK Radio Data Receiver for Manchester Data Format
logo
Sanyo Semicon Device
LC8955 SANYO-LC8955 Datasheet
107Kb / 4P
   CD-1 Format ADPCM Data Replay LSI
logo
PHOENIX CONTACT
2702497 PHOENIX-2702497 Datasheet
101Kb / 5P
   The output values are depicted in standardized representation format.
logo
Tyco Electronics
WP-040040-25-9 MACOM-WP-040040-25-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com