Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ET401R Datasheet(PDF) 1 Page - Fuji Electric

Part No. ET401R
Description  TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE,HIGH SPEED SWITCHING
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 

   
 1 page
background image
1
ET401
FUJI POWER TRANSISTOR
TRIPLE DIFFUSED PLANER TYPE
HIGH VOLTAGE,HIGH SPEED SWITCHING
Features
High voltage,High speed switching
Low saturation voltage
High reliability
Applications
Switching regulators
Ultrasonic generators
High frequency invertors
General purpose power amplifiers
Thermal characteristics
Item
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Rth(j-c)
Junction to case
1.56
°C/W
V
V
V
A
A
W
°C
°C
Item
Symbol
Ratings
Unit
Maximum ratings and characteristics
Absolute maximum ratings (Tc=25°C unless otherwise specified)
-55 to +150
Electrical characteristics (Tc =25°C unless otherwise specified)
Min.
Typ.
Max.
Units
V
V
V
mA
V
V
µs
µs
µs
Symbol
VCBO
VCEO(SUS)
VEBO
ICBO
hFE
VCE(Sat)
VBE(Sat)
ton
tstg
tf
Test Conditions
ICBO = 1mA
IC = 200mA
IEBO = 1mA
VCBO = 500V
IC = 6A, VCE = 5V
IC = 6A, IB = 1A
IC = 7.5A, IB1 = 1.5A
IB2 = -3A, RL = 20 ohm
Pw = 20µs Duty=<2%
500
400
7
1.0
10
1.0
1.5
0.25
0.5
1.0
1.5
0.07
0.15
Outline Drawings
TO-3PF
JEDEC
(TO-3PF)
EIAJ
-
Collector-Base voltage
VCBO
Collector-Emitter voltage
VCEO
Emitter-Base voltage
VEBO
Collector current
IC
Base current
IB
Collector power disspation
PC
Operating junction temperature
Tj
Storage temperature
Tstg
500
400
7
15
5
80
+150
Item
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector-Base leakage current
D.C. current gain
Collector-Emitter saturation voltage
Base-Emitter saturation voltage
*1
Switching time
Thermal resistance




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC3047TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING 1 2 3 Fuji Electric
2SC3318TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING 1 2 Fuji Electric
2SC3320TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING 1 2 3 Fuji Electric
2SC4275TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING 1 2 3 Fuji Electric
ET191TRIPLE DIFFUSED PLANER TYPE POWER DARLINGTON HIGH VOLTAGE HIGH SPEED SWITCHING 1 2 3 Fuji Electric
ET206TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 Fuji Electric
2SC3318TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING 1 2 Fuji Electric
2SC2656TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING 1 2 3 4 Fuji Electric
2SC4276TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING 1 2 Fuji Electric
2SC2440TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE HIGH SPEED SWITCHING 1 2 3 Fuji Electric

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl