Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP633 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP633
Description  Unity-Gain Stable
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP633 Datasheet(HTML) 3 Page - Microchip Technology

  MCP633 Datasheet HTML 1Page - Microchip Technology MCP633 Datasheet HTML 2Page - Microchip Technology MCP633 Datasheet HTML 3Page - Microchip Technology MCP633 Datasheet HTML 4Page - Microchip Technology MCP633 Datasheet HTML 5Page - Microchip Technology MCP633 Datasheet HTML 6Page - Microchip Technology MCP633 Datasheet HTML 7Page - Microchip Technology MCP633 Datasheet HTML 8Page - Microchip Technology MCP633 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
 2009-2014 Microchip Technology Inc.
DS20002197C-page 3
MCP631/2/3/4/5/9
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS .......................................................................6.5V
Current at Input Pins ....................................................±2 mA
Analog Inputs (VIN+ and VIN–) †† . VSS – 1.0V to VDD +1.0V
All other Inputs and Outputs .......... VSS – 0.3V to VDD +0.3V
Output Short-Circuit Current ................................ Continuous
Current at Output and Supply Pins ..........................±150 mA
Storage Temperature ...................................-65°C to +150°C
Maximum Junction Temperature ................................ +150°C
ESD protection on all pins (HBM, MM)
 1 kV, 200V
Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See Section 4.1.2 “Input Voltage and Current Limits”.
1.2
Specifications
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM =VDD/3,
VOUT  VDD/2, VL =VDD/2, RL =2 k to VL and CS =VSS (refer to Figure 1-2).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-8
±1.8
+8
mV
Input Offset Voltage Drift
VOS/TA
—±2.0
µV/°C TA = -40°C to +125°C
Power Supply Rejection Ratio
PSRR
61
76
dB
Input Current and Impedance
Input Bias Current
IB
—4
pA
Across Temperature
IB
100
pA
TA =+85°C
Across Temperature
IB
1500
5000
pA
TA = +125°C
Input Offset Current
IOS
—±2
pA
Common-Mode Input Impedance
ZCM
—1013||9
||pF
Differential Input Impedance
ZDIFF
—1013||2
||pF
Common Mode
Common-Mode Input Voltage Range
VCMR
VSS  0.3
VDD  1.3
V
Note 1
Common-Mode Rejection Ratio
CMRR
63
78
dB
VDD =2.5V, VCM = -0.3V to 1.2V
66
81
dB
VDD =5.5V, VCM = -0.3V to 4.2V
Open-Loop Gain
DC Open-Loop Gain (large signal)
AOL
88
115
dB
VDD =2.5V, VOUT = 0.3V to 2.2V
94
124
dB
VDD =5.5V, VOUT = 0.3V to 5.2V
Output
Maximum Output Voltage Swing
VOL, VOH
VSS +20
VDD  20
mV
VDD =2.5V, G = +2,
0.5V Input Overdrive
VSS +40
VDD  40
mV
VDD =5.5V, G = +2,
0.5V Input Overdrive
Output Short-Circuit Current
ISC
±40
±85
±130
mA
VDD =2.5V (Note 2)
ISC
±35
±70
±110
mA
VDD =5.5V (Note 2)
Power Supply
Supply Voltage
VDD
2.5
5.5
V
Quiescent Current per Amplifier
IQ
1.2
2.5
3.6
mA
No Load Current
Note 1:
See Figure 2-5 for temperature effects.
2:
The ISC specifications are for design guidance only; they are not tested.


Similar Part No. - MCP633

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP633 MICROCHIP-MCP633 Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP633-E/MF MICROCHIP-MCP633-E/MF Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP633-E/SN MICROCHIP-MCP633-E/SN Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP633-E/UN MICROCHIP-MCP633-E/UN Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP633T MICROCHIP-MCP633T Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
More results

Similar Description - MCP633

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
   Unity-Gain Stable
03/25/14
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
Lowpower Semiconductor ...
LPA4809 POWER-LPA4809 Datasheet
815Kb / 10P
   140mW Headphone Amplifier with Unity-gain Stable
logo
Texas Instruments
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com