Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP632 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP632
Description  Unity-Gain Stable
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP632 Datasheet HTML 5Page - Microchip Technology MCP632 Datasheet HTML 6Page - Microchip Technology MCP632 Datasheet HTML 7Page - Microchip Technology MCP632 Datasheet HTML 8Page - Microchip Technology MCP632 Datasheet HTML 9Page - Microchip Technology MCP632 Datasheet HTML 10Page - Microchip Technology MCP632 Datasheet HTML 11Page - Microchip Technology MCP632 Datasheet HTML 12Page - Microchip Technology MCP632 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
 2009-2014 Microchip Technology Inc.
DS20002197C-page 9
MCP631/2/3/4/5/9
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =2 kto VL, CL = 50 pF and CS =VSS.
FIGURE 2-13:
Input Bias Current vs. Input
Voltage (below VSS).
FIGURE 2-14:
Input Bias and Offset
Currents vs. Common-Mode Input Voltage with
TA = +85°C.
FIGURE 2-15:
Input Bias and Offset
Currents vs. Common-Mode Input Voltage with
TA = +125°C.
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
1.E-07
1.E-06
1.E-05
1.E-04
1.E-03
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Input Voltage (V)
+125°C
+85°C
+25°C
-40°C
1m
100µ
10µ
100n
10n
1n
100p
10p
1p
-200
-150
-100
-50
0
50
100
150
200
Common Mode Input Voltage (V)
IB
Representative Part
TA = +85°C
VDD = 5.5V
IOS
-1500
-1000
-500
0
500
1000
1500
2000
Common Mode Input Voltage (V)
IB
Representative Part
TA = +125°C
VDD = 5.5V
IOS


Similar Part No. - MCP632

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP632 MICROCHIP-MCP632 Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP632-E/MF MICROCHIP-MCP632-E/MF Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP632-E/SN MICROCHIP-MCP632-E/SN Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP632-E/UN MICROCHIP-MCP632-E/UN Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
MCP632T MICROCHIP-MCP632T Datasheet
826Kb / 42P
   24 MHz, 2.5 mA Op Amps
2009
More results

Similar Description - MCP632

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP651 MICROCHIP-MCP651_14 Datasheet
1Mb / 62P
   Unity-Gain Stable
03/25/14
logo
Elantec Semiconductor
EL2073C ELANTEC-EL2073C Datasheet
368Kb / 12P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Intersil Corporation
EL2073 INTERSIL-EL2073 Datasheet
252Kb / 10P
   200MHz Unity-Gain Stable Operational Amplifier
logo
Texas Instruments
OPA698 TI-OPA698 Datasheet
482Kb / 27P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Burr-Brown (TI)
OPA688 BURR-BROWN-OPA688 Datasheet
185Kb / 16P
   Unity Gain Stable, Wideband VOLTAGE LIMITING AMPLIFIER
logo
Texas Instruments
OPA698 TI1-OPA698_12 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
OPA698IDG4 TI1-OPA698IDG4 Datasheet
843Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Wideband Voltage Limiting Amplifier
logo
Elantec Semiconductor
EL2224D ELANTEC-EL2224D Datasheet
318Kb / 1P
   Dual 60MHz Unity Gain Stable, Operational Amplifier
logo
Lowpower Semiconductor ...
LPA4809 POWER-LPA4809 Datasheet
815Kb / 10P
   140mW Headphone Amplifier with Unity-gain Stable
logo
Texas Instruments
OPA698M TI1-OPA698M Datasheet
566Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE WIDEBAND VOLTAGE LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com