Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6V1U Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6V1U
Description  Portable Instrumentation
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V1U Datasheet(HTML) 1 Page - Microchip Technology

  MCP6V1U Datasheet HTML 1Page - Microchip Technology MCP6V1U Datasheet HTML 2Page - Microchip Technology MCP6V1U Datasheet HTML 3Page - Microchip Technology MCP6V1U Datasheet HTML 4Page - Microchip Technology MCP6V1U Datasheet HTML 5Page - Microchip Technology MCP6V1U Datasheet HTML 6Page - Microchip Technology MCP6V1U Datasheet HTML 7Page - Microchip Technology MCP6V1U Datasheet HTML 8Page - Microchip Technology MCP6V1U Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
 2016 Microchip Technology Inc.
DS20005419B-page 1
MCP6V81/1U/2/4
Features
• High DC Precision:
-VOS Drift: ±20 nV/°C (maximum, VDD =5.5V)
-VOS: ±9 µV (maximum)
-AOL: 126 dB (minimum, VDD =5.5V)
- PSRR: 117 dB (minimum, VDD =5.5V)
- CMRR: 118 dB (minimum, VDD =5.5V)
-Eni: 0.28 µVP-P (typical), f = 0.1 Hz to 10 Hz
-Eni: 0.1 µVP-P (typical), f = 0.01 Hz to 1 Hz
• Enhanced EMI Protection:
- Electromagnetic Interference Rejection Ratio
(EMIRR) at 1.8 GHz: 101 dB
• Low Power and Supply Voltages:
-IQ: 0.5 mA/amplifier (typical)
- Wide supply voltage range: 2.2V to 5.5V
• Small Packages:
- Singles in SC70, SOT-23
- Duals in MSOP-8, 2x3 TDFN
- Quads in TSSOP-14
•Easy to Use:
- Rail-to-rail input/output
- Gain Bandwidth Product: 5 MHz (typical)
- Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Portable Instrumentation
• Sensor Conditioning
• Temperature Measurement
• DC Offset Correction
• Medical Instrumentation
Design Aids
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Related Parts
• MCP6V11/1U/2/4: Zero-Drift, Low Power
• MCP6V31/1U/2/4: Zero-Drift, Low Power
• MCP6V61/1U/2/4: Zero-Drift, 1 MHz
• MCP6V71/1U/2/4: Zero-Drift, 2 MHz
• MCP6V91/1U/2/4: Zero-Drift, 10 MHz
Description
The
Microchip
Technology
Incorporated
MCP6V81/1U/2/4 family of operational amplifiers
provides input offset voltage correction for very low
offset and offset drift. These devices have a gain
bandwidth product of 5 MHz (typical). They are
unity-gain stable, have virtually no 1/f noise and have
good Power Supply Rejection Ratio (PSRR) and
Common Mode Rejection Ratio (CMRR). These
products operate with a single supply voltage as low as
2.2V, while drawing 500 µA/amplifier (typical) of
quiescent current.
The MCP6V81/1U/2/4 family has enhanced EMI
protection
to
minimize
any
electromagnetic
interference from external sources. This feature makes
it well suited for EMI-sensitive applications such as
power
lines,
radio
stations
and
mobile
communications, etc.
The MCP6V81/1U/2/4 op amps are offered in single
(MCP6V81 and MCP6V81U), dual (MCP6V82) and
quad (MCP6V84) packages. They were designed
using an advanced CMOS process.
Package Types
VIN+
VSS
VIN-
1
2
3
5
4
VDD
VOUT
MCP6V81
SOT-23
MCP6V81U
SC70, SOT-23
VIN
VSS
VOUT
1
2
3
5
4
VDD
VIN+
VINA+
VINA
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB-
VINB+
MCP6V82
MSOP
MCP6V82
2×3 TDFN *
VINA+
VINA-
VSS
VOUTB
VINB-
1
2
3
4
8
7
6
5 VINB+
VDD
VOUTA
EP
9
VINA+
VINA-
VDD
1
2
3
4
14
13
12
11
VOUTA
VOUTD
VIND-
VIND+
VSS
MCP6V84
TSSOP
VINB-
VINB+
VOUTB
5
6
7
10
9
8
VINC+
VINC-
VOUTC
* Includes Exposed Thermal Pad (EP); see Table 3-1.
5 MHz, 0.5 mA, Zero-Drift Op Amps


Similar Part No. - MCP6V1U

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V1U MICROCHIP-MCP6V1U Datasheet
1Mb / 46P
   Portable Instrumentation
07/14/15
MCP6V1U MICROCHIP-MCP6V1U Datasheet
1Mb / 46P
   Portable Instrumentation
07/14/15
MCP6V1U MICROCHIP-MCP6V1U Datasheet
2Mb / 48P
   Temperature Measurement
07/14/15
More results

Similar Description - MCP6V1U

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V71 MICROCHIP-MCP6V71 Datasheet
1Mb / 46P
   Portable Instrumentation
07/14/15
MCP6V61 MICROCHIP-MCP6V61 Datasheet
1Mb / 46P
   Portable Instrumentation
07/14/15
MCP3901 MICROCHIP-MCP3901_11 Datasheet
1Mb / 62P
   Two-Channel Analog Front End Portable Instrumentation
2011
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
   Test Instrumentation
logo
Analog Devices
HMC579 AD-HMC579 Datasheet
298Kb / 6P
   Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
   Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
   Test Instrumentation
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
   Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
   Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
   Test Instrumentation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com