Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL3257 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL3257
Description  Low On-Resistance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL3257 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL3257 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL3257 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL3257 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL3257 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL3257 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL3257 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL3257 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BL3257
http://www.belling.com.cn
- 3 -
Total 7 Pages
ELECTRICAL CHARACTERISTICS
1
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Units
VDD
Supply Voltage
-0.5 to +6.0
V
VIS
Analog Input Voltage (VS1, VS2, or VD)
-0.5 to +6.0
V
VS VENN Digital Select Input Voltage
-0.5 to +6.0
V
lanll
Continuous DC Current from D to S1/S2
±200
mA
Maximum ratings are those values beyond which device damage can occur. If these limits are exceeded, device
functional operation is not implied, damage may occur and reliability may be affected.
2
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
MIN
MAX
Units
VDD
Supply Voltage
4.0
5.5
V
VIS
Analog Input Voltage (VS1, VS2, or VD)
0
2
V
VS VENN Digital Select Input Voltage
0
VDD
V
TA
Operating Temperature
-40
85
3
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
DC ELECTRICAL CHARACTERISTICS
Switch On Resistance
RON
VDD = 4.5V, VIS = 1.0V, RL = 75Ω,
IIS = 13mA
5
7
VDD = 4.5V, VIS = 2.0V, RL = 75Ω,
IIS = 26mA
7.5
10
HIGH Level
Input Voltage
VIH
Guaranteed Logic HIGH Level
2.0
V
LOW Level
Input Voltage
VIL
Guaranteed Logic LOW Level
-0.5
0.8
V
Input high current
IIH
VDD = 5.5V, VIN = VDD
±1
μA
Input low current
IIL
VDD = S.5V, VIN = GND
±1
μA
Switch output
leakage current
Io
0 S1, S2, or D VDD,
Switch OFF
±1
μA
Switch short
circuit current
Ios
230
mA
Clamping diode
voltage
VIK
VDD = 4.5V, IIN= -18mA
-0.9
V
Input hysteresis
VH
200
mV


Similar Part No. - BL3257

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL3207 BELLING-BL3207 Datasheet
19Kb / 1P
   024-stage low voltage operation,and low noise BBD variable delay line in audio
BL3208 BELLING-BL3208 Datasheet
22Kb / 2P
   2048-stage low voltage operation, and low noise BBD variable delay line in audio
BL3208A BELLING-BL3208A Datasheet
39Kb / 2P
   2048-Stage BBD
BL3208B BELLING-BL3208B Datasheet
39Kb / 2P
   2048-Stage BBD
logo
List of Unclassifed Man...
BL32C1 ETC2-BL32C1 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
More results

Similar Description - BL3257

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
   Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
   Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
   Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
   Low On-Resistance
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
   Low On-resistance
logo
Diodes Incorporated
DMN1260UFA DIODES-DMN1260UFA Datasheet
372Kb / 6P
   Low On-Resistance
DMN2028UFDH DIODES-DMN2028UFDH Datasheet
281Kb / 6P
   Low On-Resistance
DMN3065LW DIODES-DMN3065LW Datasheet
224Kb / 5P
   Low On-Resistance
logo
ZP Semiconductor
DMP3030SN ZPSEMI-DMP3030SN Datasheet
114Kb / 1P
   Low On-Resistance
logo
Advanced Power Electron...
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com