Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL1513 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL1513
Description  Transparent Input Clamping
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL1513 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL1513 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL1513 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL1513 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL1513 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL1513 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL1513 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL1513 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL1513 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BL1513
http://www.belling.com.cn
- 5 -
Total 8 Pages
Typical Application Diagram
The following schematic in Figure 2 is normally used for AC coupled output and DC-
coupled input with DAC which has an output voltage range of 0V to 1.4V. AC coupled
output offer slightly lower power dissipation and high ESD protection ability. The
schematics in Figure 1 is also popular in design.
0.1uF
OUT1
IN1
filter
IN2
filter
input
clamp
IN3
filter
0.1uF
75 omh
CVBS1
CVBS1
Y
C
S-Video
Y
C
S-Video
220uF
0.1uF
75 omh
75 omh
75 omh
75 omh
75 omh
220uF
220uF
OUT2
OUT3
input
clamp
input
clamp
1
2
3
8
7
6
BL1513
BL1513
BL1513
BL1513
GND
5
VCC
4
+5V
0.1uF or 0.01uF
10uF
图 1 AC Coupling Application Schematic


Similar Part No. - BL1513

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1511BSO BELLING-BL1511BSO Datasheet
161Kb / 9P
   Transparent Input Clamping
BL1511BST BELLING-BL1511BST Datasheet
161Kb / 9P
   Transparent Input Clamping
BL1511SO BELLING-BL1511SO Datasheet
160Kb / 9P
   Transparent Input Clamping
BL1511ST BELLING-BL1511ST Datasheet
160Kb / 9P
   Transparent Input Clamping
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
More results

Similar Description - BL1513

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL1511BSO BELLING-BL1511BSO Datasheet
161Kb / 9P
   Transparent Input Clamping
BL1511SO BELLING-BL1511SO Datasheet
160Kb / 9P
   Transparent Input Clamping
logo
Maxim Integrated Produc...
MAX11508EVKIT MAXIM-MAX11508EVKIT Datasheet
138Kb / 8P
   Transparent Input Clamp
Rev 0; 1/09
logo
EXCEL CELL ELECTRONIC C...
ETB13 ECE-ETB13 Datasheet
104Kb / 2P
   CLAMPING TYPE
logo
Festo Corporation.
13289 FESTO-13289 Datasheet
92Kb / 1P
   Clamping module
12/7/22
184857 FESTO-184857 Datasheet
93Kb / 1P
   Clamping module
12/7/22
2428478 FESTO-2428478 Datasheet
74Kb / 1P
   Clamping sleeve
1354098 FESTO-1354098 Datasheet
68Kb / 1P
   Clamping sleeve
150685 FESTO-150685 Datasheet
92Kb / 1P
   Clamping module
12/7/22
2428480 FESTO-2428480 Datasheet
75Kb / 1P
   Clamping sleeve
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com