Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34-PB242D1A11 Datasheet(PDF) 1 Page - E-SWITCH

Part # 34-PB242D1A11
Description  ALL DIMENSIONS IN MM [INCH]
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

34-PB242D1A11 Datasheet(HTML) 1 Page - E-SWITCH

  34-PB242D1A11 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DETAIL A
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PB242D1A11
6/25/2014
34-PB242D1A11
A
EBP
1
1
2
1
1
4
SUGGESTED PANEL CUTOUT
SUGGESTED PANEL THICKNESS
1.0mm TO 2.0mm
A
A
21492
RELEASE FOR PRODUCTION
6/25/14
EBP
6.30
[.248 in]
10.40
[.409 in]
21.30
[.839 in]
28.00
[1.102 in]
11.00
[.433 in]
.80
[.031 in]
18.40
[.724 in]
29.50 `.50
1.161 `.020 in
[
]
17.10 `.50
.673 `.020 in
[
]
26.30
[1.035 in]
22.90
[.902 in]
35.00 `1.00
1.378 `.039 in
[
]
27.90 `1.00
1.098 `.039 in
[
]
33.40
[1.315 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NO'S FOR REFERENCE ONLY.
4. CONTACT RATINGS:
ANSI/UL 508 (E195908)
20A 125VAC [CURUS]
12A 250VAC [CURUS]
5. CONTACT RESISTANCE: 50m
MAX.
6. INSULATION RESISTANCE: 5M
@ 500VDC
7. DIELECTRIC STRENGTH: 1,500VAC FOR 1 MINUTE
8. ELERTICAL LIFE: 6,000 CYCLES
9. OPERATING TEMP: 0°C TO 85°C
10.
DENOTE CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
12. INGRESS PROTECTION: IP54
CIRCUIT DIAGRAM
PUSH
1
2
4
5
22.00
[.866 in]
30.00
[1.181 in]
1
POS.
2
POS.
n1.70
[.067 in]
RED ACTUATOR
BLACK MARKING
GREEN ACTUATOR
BLACK MARKING
PVC GASKET
CUT AWAY DETAIL
BODY COLOR: BLACK
POS. 1
POS. 2
SWITCH FUNCTION
ON
OFF
OPEN
2-1, 5-4
21.60
[.850 in]


Similar Part No. - 34-PB242D1A11

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
34-PB242D1A2R236 E-SWITCH-34-PB242D1A2R236 Datasheet
66Kb / 1P
   THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFEPRED
More results

Similar Description - 34-PB242D1A11

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B401009 E-SWITCH-B401009 Datasheet
203Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
B410001 E-SWITCH-B410001 Datasheet
197Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M300001 E-SWITCH-M300001 Datasheet
34Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M302431 E-SWITCH-M302431 Datasheet
176Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304204 E-SWITCH-M304204 Datasheet
33Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304211 E-SWITCH-M304211 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M304212 E-SWITCH-M304212 Datasheet
35Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
M305213 E-SWITCH-M305213 Datasheet
141Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com