Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR645 Datasheet(PDF) 3 Page - Microchip Technology

Part # LR645
Description  Accepts inputs from 15 to 450V
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LR645 Datasheet(HTML) 3 Page - Microchip Technology

  LR645 Datasheet HTML 1Page - Microchip Technology LR645 Datasheet HTML 2Page - Microchip Technology LR645 Datasheet HTML 3Page - Microchip Technology LR645 Datasheet HTML 4Page - Microchip Technology LR645 Datasheet HTML 5Page - Microchip Technology LR645 Datasheet HTML 6Page - Microchip Technology LR645 Datasheet HTML 7Page - Microchip Technology LR645 Datasheet HTML 8Page - Microchip Technology LR645 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
 2015 Microchip Technology Inc.
DS20005384A-page 3
LR645
1.0
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Voltage .................................................................................................................................................................................. 450V
Output voltage............................................................................................................................................................................... 15.5V
Operating and storage temperature............................................................................................................................. -55°C to +150°C
Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at those or any other conditions, above those indicated in the operational listings of
this specification, is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.
1.1
ELECTRICAL SPECIFICATIONS
TABLE 1-1:
ELECTRICAL CHARACTERISTICS 1
1
Test Conditions unless otherwise specified: TA = 25°C, VIN = 15V-450V, COUT = 0.01 µF
Symbol
Parameter
Min
Typ
Max
Units Conditions
VOUT
Output voltage
9.3
10
10.7
V
No load
Output voltage over temperature2
2
Guaranteed by design
9.0
10
11.5
V
TJ = - 40 to +125°C, No load
∆VOUT
Line regulation
-
40
200
mV
VIN = 15 to 400V, No load
Load regulation
-
150
400
mV
VIN = 50V, IOUT = 0 to 3.0mA
VIN
Operating input voltage range
15
-
450
V
IINQ
Input quiescent current
-
50
150
µA
No Load
IOFF
VIN off-state leakage current
-
0.1
10
µA
VAUX ≥ VOUT +1V applied to VOUT pin
IAUX
Input current to VOUT
--
200
µA
VAUX ≥ VOUT +1V applied to VOUT pin
∆VOUT/∆VIN Ripple rejection ratio2
50
60
-
dB
120 Hz, No Load
en
Noise voltage2
-
25
-
µV
0.01 to 100 KHz
IPEAK
Output peak current3
3
Pulse test duration <1.0 msec, duty cycle <2%
-30-
mA
COUT = 10 µF, VIN = 400V
VAUX
External voltage applied to VOUT
--
13.2
V
8-lead, adjustable voltage version only
VOUT
Output regulation trim range2
8
-
12
V
No load
∆VOUT
Load regulation at 8V trim2
-
200
400
mV
VIN = 15V, IOUT = 0 to 1.0 mA
Load regulation at 12V trim2
-
100
400
mV
VIN = 50V, IOUT = 0 to 3.0 mA
TABLE 1-2:
THERMAL CHARACTERISTICS1
Package
θja
Power Dissipation @TA=25°C
8-lead SOIC
101°C/W
0.31
TO-92
132°C/W
0.74
TO-220
29°C/W
1.8
TO-243AA (SOT-89)
133°C/W
1.6
1
Mounted on FR5 board; 25mm x 25mm x 1.57mm. Significant PD increase possible on ceramic substrate.


Similar Part No. - LR645

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
LR645 SUTEX-LR645 Datasheet
812Kb / 9P
   High Input Voltage SMPS Start-up / Linear Regulator
LR645LG SUTEX-LR645LG Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
LR645LG SUTEX-LR645LG Datasheet
812Kb / 9P
   High Input Voltage SMPS Start-up / Linear Regulator
LR645LG-G SUTEX-LR645LG-G Datasheet
812Kb / 9P
   High Input Voltage SMPS Start-up / Linear Regulator
More results

Similar Description - LR645

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IL9910-A IKSEMICON-IL9910-A Datasheet
638Kb / 11P
   8V to 450V input range
logo
NTE Electronics
NEVH47M160 NTE-NEVH47M160 Datasheet
23Kb / 2P
   ALUMINUM ELECTROLYTIC 160V to 450V
logo
Rohm
2SK2299N ROHM-2SK2299N Datasheet
152Kb / 5P
   Switching (450V, 7A)
2SK2713 ROHM-2SK2713 Datasheet
153Kb / 5P
   Switching (450V, 5A)
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
   450V LED controller
logo
ELM Electronics
ELM916DA ELM-ELM916DA Datasheet
597Kb / 6P
   450V LED controller
logo
Supertex, Inc
HV7802 SUTEX-HV7802_13 Datasheet
536Kb / 5P
   High Side Current Monitor 8V to 450V Configurable Output
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
   450V N-Channel MOSFET
logo
XP Power Limited
VCP05US05 XPPOWER-VCP05US05_13 Datasheet
368Kb / 2P
   Low Cost, Universal AC Input, Output Voltage from 5 to 15 V
logo
Pasternack Enterprises,...
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
   Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com